Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BK2425 Datasheet(PDF) 8 Page - List of Unclassifed Manufacturers

Part # BK2425
Description  Low Power High Performance 2.4 GHz GFSK Transceiver
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

BK2425 Datasheet(HTML) 8 Page - List of Unclassifed Manufacturers

Back Button BK2425 Datasheet HTML 4Page - List of Unclassifed Manufacturers BK2425 Datasheet HTML 5Page - List of Unclassifed Manufacturers BK2425 Datasheet HTML 6Page - List of Unclassifed Manufacturers BK2425 Datasheet HTML 7Page - List of Unclassifed Manufacturers BK2425 Datasheet HTML 8Page - List of Unclassifed Manufacturers BK2425 Datasheet HTML 9Page - List of Unclassifed Manufacturers BK2425 Datasheet HTML 10Page - List of Unclassifed Manufacturers BK2425 Datasheet HTML 11Page - List of Unclassifed Manufacturers BK2425 Datasheet HTML 12Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 30 page
background image
BK2425
Revision 1.0
Proprietary and Confidential
Page 8 of 30
The PTX device stays in TX mode until it
finishes transmitting the current packet. If CE
= 0 it returns to standby-I mode. If CE = 1, the
next action is determined by the status of the
TX FIFO. If the TX FIFO is not empty the
PTX device remains in TX mode, transmitting
the next packet. If the TX FIFO is empty the
PTX device goes into standby-II mode. It is
important to never stay in TX mode for more
than 4ms at one time.
If the auto retransmit is enabled (EN_AA=1)
and
auto
acknowledge
is
required
(NO_ACK=0), the PTX device will enter TX
mode from standby-I mode when ARD
elapsed and number of retried is less than
ARC.
PRX device (PRIM_RX=1)
The PRX device will enter TX mode from RX
mode only when EN_AA=1 and NO_ACK=0
in received packet to transmit acknowledge
packet with pending payload in TX FIFO.
4.6
RX Mode
PRX device (PRIM_RX=1)
The RX mode is an active mode where the
BK2425 radio is configured to be a receiver.
To enter this mode from standby-I mode, the
PRX device must have the PWR_UP bit set
high, PRIM_RX bit set high and the CE pin
set high. Or PRX device can enter this mode
from
TX
mode
after
transmitting
an
acknowledge packet when EN_AA=1 and
NO_ACK=0 in received packet.
In this mode the receiver demodulates the
signals from the RF channel, constantly
presenting the demodulated data to the packet
processing engine. The packet processing
engine continuously searches for a valid
packet. If a valid packet is found (by a
matching address and a valid CRC) the
payload of the packet is presented in a vacant
slot in the RX FIFO. If the RX FIFO is full,
the received packet is discarded.
The PRX device remains in RX mode until the
MCU configures it to standby-I mode or
power down mode.
In RX mode a carrier detection (CD) signal is
available. The CD is set to high when a RF
signal
is
detected
inside
the
receiving
frequency channel. The internal CD signal is
filtered before presented to CD register. The
RF signal must be present for at least 128 µs
before the CD is set high.
PTX device (PRIM_RX=0)
The PTX device will enter RX mode from TX
mode only when EN_AA=1 and NO_ACK=0
to receive acknowledge packet.
5 Packet Processing
5.1
Packet Format
The packet format has a preamble, address, packet control, payload and CRC field.
Preamble1byte
Address3~5byte
PacketControl 9/0bit
Payload0~32byte
CRC2/1byte
PayloadLength6bit
PID2bit
NO_ACK1bit
Figure 5 Packet Format



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com