Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BK2425 Datasheet(PDF) 22 Page - List of Unclassifed Manufacturers

Part # BK2425
Description  Low Power High Performance 2.4 GHz GFSK Transceiver
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

BK2425 Datasheet(HTML) 22 Page - List of Unclassifed Manufacturers

Back Button BK2425 Datasheet HTML 18Page - List of Unclassifed Manufacturers BK2425 Datasheet HTML 19Page - List of Unclassifed Manufacturers BK2425 Datasheet HTML 20Page - List of Unclassifed Manufacturers BK2425 Datasheet HTML 21Page - List of Unclassifed Manufacturers BK2425 Datasheet HTML 22Page - List of Unclassifed Manufacturers BK2425 Datasheet HTML 23Page - List of Unclassifed Manufacturers BK2425 Datasheet HTML 24Page - List of Unclassifed Manufacturers BK2425 Datasheet HTML 25Page - List of Unclassifed Manufacturers BK2425 Datasheet HTML 26Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 30 page
background image
BK2425
Revision 1.0
Proprietary and Confidential
Page 22 of 30
8 Electrical Specifications
Name
Parameter (Condition)
Min
Typical
Max
Unit
Comment
Operating Condition
VDD
Voltage
1.9
3.0
3.6
V
TEMP
Temperature
-40
+27
+85
ºC
Digital input Pin
VIH
High level
0.7VDD
VDD+0.7
V
VIL
Low level
VSS
0.3VDD
V
Digital output Pin
VOH
High level (IOH=-0.25mA)
VDD- 0.3
VDD
V
VOL
Low level(IOL=0.25mA)
0
0.3
V
Normal condition
IVDD
Power Down current
3
uA
IVDD
Standby-I current
50
uA
IVDD
Standby-II current
300
uA
Normal RF condition
FOP
Operating frequency
2400
2527
MHz
FXTAL
Crystal frequency
16
MHz
RFSK
Air data rate
250
2000
Kbps
Transmitter
PRF
Output power
4
dBm
PBW
Modulation 20 dB bandwidth(2Mbps)
TBD
MHz
PBW
Modulation 20 dB bandwidth (1Mbps)
TBD
MHz
PBW
Modulation 20 dB bandwidth (250Kbps)
TBD
KHz
IVDD
Current at -25 dBm output power
9.8
mA
IVDD
Current at -18 dBm output power
10.2
mA
IVDD
Current at -12 dBm output power
10.8
mA
IVDD
Current at -7 dBm output power
11.6
mA
IVDD
Current at
-1 dBm output power
13.4
mA
IVDD
Current at
4 dBm output power
18
mA
Receiver
IVDD
Current (2Mbps)
16.5
mA
IVDD
Current (1Mbps)
16
mA
IVDD
Current (250Kbps)
16
mA
Max Input
1 E-3 BER
10
dBm
RXSENS
1 E-3 BER sensitivity (2Mbps)
-88
dBm
RXSENS
1 E-3 BER sensitivity (1Mbps)
-91
dBm
RXSENS
1 E-3 BER sensitivity (250Kbps)
-96
dBm
Table 6 Electrical Specifications



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com