Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BK2425 Datasheet(PDF) 28 Page - List of Unclassifed Manufacturers

Part # BK2425
Description  Low Power High Performance 2.4 GHz GFSK Transceiver
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

BK2425 Datasheet(HTML) 28 Page - List of Unclassifed Manufacturers

Back Button BK2425 Datasheet HTML 22Page - List of Unclassifed Manufacturers BK2425 Datasheet HTML 23Page - List of Unclassifed Manufacturers BK2425 Datasheet HTML 24Page - List of Unclassifed Manufacturers BK2425 Datasheet HTML 25Page - List of Unclassifed Manufacturers BK2425 Datasheet HTML 26Page - List of Unclassifed Manufacturers BK2425 Datasheet HTML 27Page - List of Unclassifed Manufacturers BK2425 Datasheet HTML 28Page - List of Unclassifed Manufacturers BK2425 Datasheet HTML 29Page - List of Unclassifed Manufacturers BK2425 Datasheet HTML 30Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 28 / 30 page
background image
BK2425
Revision 1.0
Proprietary and Confidential
Page 28 of 30
11 Order Information
Part number
Package
Packing
MPQ (ea)
BK2425QB
QFN
Tape Reel
3K
BK2425WD
Die
Wafer
Table 10 BK2425 order information
Remark:
MPQ: Minimum Package Quantity



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com