Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BK2425 Datasheet(PDF) 3 Page - List of Unclassifed Manufacturers

Part # BK2425
Description  Low Power High Performance 2.4 GHz GFSK Transceiver
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

BK2425 Datasheet(HTML) 3 Page - List of Unclassifed Manufacturers

  BK2425 Datasheet HTML 1Page - List of Unclassifed Manufacturers BK2425 Datasheet HTML 2Page - List of Unclassifed Manufacturers BK2425 Datasheet HTML 3Page - List of Unclassifed Manufacturers BK2425 Datasheet HTML 4Page - List of Unclassifed Manufacturers BK2425 Datasheet HTML 5Page - List of Unclassifed Manufacturers BK2425 Datasheet HTML 6Page - List of Unclassifed Manufacturers BK2425 Datasheet HTML 7Page - List of Unclassifed Manufacturers BK2425 Datasheet HTML 8Page - List of Unclassifed Manufacturers BK2425 Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 30 page
background image
BK2425
Revision 1.0
Proprietary and Confidential
Page 3 of 30
1
General Description
BK2425 is a GFSK transceiver operating in
the world wide ISM frequency band at 2400-
2483.5 MHz. Burst mode transmission and up
to 2Mbps air data rate make them suitable for
applications
requiring
ultra
low
power
consumption.
The
embedded
packet
processing engines enable their full operation
with a very simple MCU as a radio system.
Auto re-transmission and auto acknowledge
give
reliable
link
without
any
MCU
interference.
BK2425 operates in TDD mode, either as a
transmitter or as a receiver.
The RF channel frequency determines the
center of the channel used by BK2425. The
frequency is set by the RF_CH register in
register bank 0 according to the following
formula: F0= 2400 + RF_CH (MHz). The
resolution of the RF channel frequency is
1MHz.
A
transmitter
and
a
receiver
must
be
programmed with the same RF channel
frequency to be able to communicate with
each other.
The output power of BK2425 is set by the
RF_PWR bits in the RF_SETUP register.
Demodulation is done with embedded data
slicer and bit recovery logic. The air data rate
can be programmed to 250Kbps, 1Mbps or
2Mbps by RF_DR_HIGH and RF_DR_LOW
register. A transmitter and a receiver must be
programmed with the same setting.
In the following chapters, all registers are in
register bank 0 except with explicit claim.
Figure 1 BK2425 Chip Block Diagram
Integrated
TDD RF
Transceiver
XTALN
XTALP
FM
Demodulator
FM Modulator
Data Slicer
Rx FIFO
Tx FIFO
Gaussian
shaping
Packet
Processing &
State Control
Power
Management
CE
IRQ
CSN
SCK
MOSI
MISO
RFP
RFN



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com