Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BK2425WD Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # BK2425WD
Description  Low Power High Performance 2.4 GHz GFSK Transceiver
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

BK2425WD Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  BK2425WD Datasheet HTML 1Page - List of Unclassifed Manufacturers BK2425WD Datasheet HTML 2Page - List of Unclassifed Manufacturers BK2425WD Datasheet HTML 3Page - List of Unclassifed Manufacturers BK2425WD Datasheet HTML 4Page - List of Unclassifed Manufacturers BK2425WD Datasheet HTML 5Page - List of Unclassifed Manufacturers BK2425WD Datasheet HTML 6Page - List of Unclassifed Manufacturers BK2425WD Datasheet HTML 7Page - List of Unclassifed Manufacturers BK2425WD Datasheet HTML 8Page - List of Unclassifed Manufacturers BK2425WD Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 30 page
background image
BK2425
Revision 1.0
Copyright © 2013
Beken Corporation
Jan, 2013
Page 1 of 30
Low Power High Performance 2.4 GHz GFSK Transceiver
Features
 2400-2483.5 MHz ISM band operation
 Support 250Kbps, 1Mbps and 2 Mbps air
data rate
 Programmable output power
 Low power consumption
 Tolerate +/- 60ppm 16 MHz crystal
 Variable payload length from 1 to 32bytes
 Automatic packet processing
 6 data pipes for 1:6 star networks
 1.9V to 3.6V power supply
 4-pin SPI interface with maximum 8 MHz
clock rate
 20-pin 4x4mm QFN package
Applications
 Wireless PC peripherals
 Wireless gamepads
 Wireless audio
 Remote controls
 Home automation
 Toys
Block Diagram
Pin Assignments
1
2
3
4
5
BK2425
6
7
8
10
9
14
13
12
11
NC
NC
NC
CE
CSN
VSS
RF
NC
CDVDD
VDD
NC
15
16
17
18
19
20
SCK
MOSI
MISO
IRQ
XO
XI
VSS
VDD
VDD
Integrated
TDD RF
Transceiver
XTALN
XTALP
FM
Demodulator
FM Modulator
Data Slicer
Rx FIFO
Tx FIFO
Gaussian
shaping
Packet
Processing &
State Control
Power
Management
CE
IRQ
CSN
SCK
MOSI
MISO
RFP
RFN


Similar Part No. - BK2425WD

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
BK2461 ETC2-BK2461 Datasheet
2Mb / 97P
MCURF
More results

Similar Description - BK2425WD

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADF7242 AD-ADF7242 Datasheet
1Mb / 108P
Low Power IEEE 802.15.4/Proprietary GFSK/FSK Zero-IF 2.4 GHz Transceiver IC
REV. 0
logo
Texas Instruments
CC2400RSUR TI-CC2400RSUR Datasheet
756Kb / 84P
2.4 GHz Low-Power RF Transceiver
logo
List of Unclassifed Man...
RFM73 ETC2-RFM73 Datasheet
1Mb / 27P
Low Power High Performance 2.4 GHz GFSK Transceiver
RFM73P ETC2-RFM73P Datasheet
865Kb / 25P
Low Power High Performance 2.4 GHz GFSK Transceiver Module
RFM75 ETC2-RFM75 Datasheet
757Kb / 27P
Low Power High Performance 2.4 GHz GFSK Transceiver
RFM75P ETC2-RFM75P Datasheet
612Kb / 26P
Low Power High Performance 2.4 GHz GFSK Transceiver
TRW-24G2 ETC2-TRW-24G2 Datasheet
1Mb / 22P
Low Power High Performance 2.4 GHz GFSK Transceiver
logo
HOPE Microelectronics C...
RFM75 HOPE-RFM75 Datasheet
1Mb / 28P
Low Power High Performance GFSK Transceiver
RFM75P HOPE-RFM75P Datasheet
1Mb / 26P
Low Power High Performance GFSK Transceiver
logo
NXP Semiconductors
MCR20AVHM NXP-MCR20AVHM Datasheet
636Kb / 39P
Low power, high-performance 2.4 GHz IEEE 802.15.4 compliant transceiver with connectivity
Rev. 3.2, 07/2016
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com