Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BK2425WD Datasheet(PDF) 5 Page - List of Unclassifed Manufacturers

Part # BK2425WD
Description  Low Power High Performance 2.4 GHz GFSK Transceiver
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

BK2425WD Datasheet(HTML) 5 Page - List of Unclassifed Manufacturers

  BK2425WD Datasheet HTML 1Page - List of Unclassifed Manufacturers BK2425WD Datasheet HTML 2Page - List of Unclassifed Manufacturers BK2425WD Datasheet HTML 3Page - List of Unclassifed Manufacturers BK2425WD Datasheet HTML 4Page - List of Unclassifed Manufacturers BK2425WD Datasheet HTML 5Page - List of Unclassifed Manufacturers BK2425WD Datasheet HTML 6Page - List of Unclassifed Manufacturers BK2425WD Datasheet HTML 7Page - List of Unclassifed Manufacturers BK2425WD Datasheet HTML 8Page - List of Unclassifed Manufacturers BK2425WD Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 30 page
background image
BK2425
Revision 1.0
Proprietary and Confidential
Page 5 of 30
3 Pin Information
1
2
3
4
5
BK2425
6
7
8
10
9
14
13
12
11
NC
NC
NC
CE
CSN
VSS
RF
NC
CDVDD
VDD
NC
15
16
17
18
19
20
SCK
MOSI
MISO
IRQ
XO
XI
VSS
VDD
VDD
Figure 2 BK2425 pin assignments (top view) for the QFN20 package
PIN
Name
Pin Function
Description
1
CE
Digital Input
Chip Enable Activates RX or TX mode
2
CSN
Digital Input
SPI Chip Select, Active low
3
SCK
Digital Input
SPI Clock
4
MOSI
Digital Input
SPI Slave Data Input
5
MISO
Digital Output
SPI Slave Data Output with tri-state option
6
IRQ
Digital Output
Maskable interrupt pin, Active low
7
NC
No Connection
8
NC
No Connection
9
XO
Analog Output
Crystal oscillator, node P (inverter output)
10
XI
Analog Input
Crystal oscillator, node N (inverter input)
11
NC
No Connection
12
NC
No Connection
13
RFN
RF port
RF output (PA) /Input (LNA), port N.
14
VSS
Ground
Ground (0 V)
15
VDD
Power
Power Supply (1.9 V to 3.6 V DC)
16
VDD
Power Supply (1.9 V to 3.6 V DC)
17
VSS
Ground
Ground (0 V)
18
VDD
Power
Power Supply (1.9 V to 3.6 V DC)
19
CDVDD
Analog Output
Digital regulator output decoupling capacitor
20
NC
No Connection
Table 1 BK2425 QFN20 pin functions



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com