Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BK2425WD Datasheet(PDF) 7 Page - List of Unclassifed Manufacturers

Part # BK2425WD
Description  Low Power High Performance 2.4 GHz GFSK Transceiver
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

BK2425WD Datasheet(HTML) 7 Page - List of Unclassifed Manufacturers

Back Button BK2425WD Datasheet HTML 3Page - List of Unclassifed Manufacturers BK2425WD Datasheet HTML 4Page - List of Unclassifed Manufacturers BK2425WD Datasheet HTML 5Page - List of Unclassifed Manufacturers BK2425WD Datasheet HTML 6Page - List of Unclassifed Manufacturers BK2425WD Datasheet HTML 7Page - List of Unclassifed Manufacturers BK2425WD Datasheet HTML 8Page - List of Unclassifed Manufacturers BK2425WD Datasheet HTML 9Page - List of Unclassifed Manufacturers BK2425WD Datasheet HTML 10Page - List of Unclassifed Manufacturers BK2425WD Datasheet HTML 11Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 30 page
background image
BK2425
Revision 1.0
Proprietary and Confidential
Page 7 of 30
Figure 4 PRX (PRIM_RX=1) state control diagram
4.2
Power Down Mode
In power down mode BK2425 is in sleep
mode with minimal current consumption. SPI
interface is still active in this mode, and all
register values are available by SPI. Power
down mode is entered by setting the PWR_UP
bit in the CONFIG register to low.
4.3
Standby-I Mode
By setting the PWR_UP bit in the CONFIG
register to 1 and de-asserting CE to 0, the
device enters standby-I mode. Standby-I mode
is
used
to
minimize
average
current
consumption while maintaining short start-up
time. In this mode, part of the crystal oscillator
is active. This is also the mode which the
BK2425 returns to from TX or RX mode when
CE is set low.
4.4
Standby-II Mode
In standby-II mode more clock buffers are
active than in standby-I mode and much more
current is used. Standby-II occurs when CE is
held high on a PTX device with empty TX
FIFO. If a new packet is uploaded to the TX
FIFO
in
this
mode,
the
device
will
automatically enter TX mode and the packet is
transmitted.
4.5
TX Mode
PTX device (PRIM_RX=0)
The TX mode is an active mode where the
PTX device transmits a packet. To enter this
mode from power down mode, the PTX device
must
have
the
PWR_UP
bit
set
high,
PRIM_RX bit set low, a payload in the TX
FIFO, and a high pulse on the CE for more
than 10µs.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com