Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BK2425WD Datasheet(PDF) 12 Page - List of Unclassifed Manufacturers

Part # BK2425WD
Description  Low Power High Performance 2.4 GHz GFSK Transceiver
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

BK2425WD Datasheet(HTML) 12 Page - List of Unclassifed Manufacturers

Back Button BK2425WD Datasheet HTML 8Page - List of Unclassifed Manufacturers BK2425WD Datasheet HTML 9Page - List of Unclassifed Manufacturers BK2425WD Datasheet HTML 10Page - List of Unclassifed Manufacturers BK2425WD Datasheet HTML 11Page - List of Unclassifed Manufacturers BK2425WD Datasheet HTML 12Page - List of Unclassifed Manufacturers BK2425WD Datasheet HTML 13Page - List of Unclassifed Manufacturers BK2425WD Datasheet HTML 14Page - List of Unclassifed Manufacturers BK2425WD Datasheet HTML 15Page - List of Unclassifed Manufacturers BK2425WD Datasheet HTML 16Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 30 page
background image
BK2425
Revision 1.0
Proprietary and Confidential
Page 12 of 30
register is used to select the IRQ sources that
are allowed to assert the IRQ pin. By setting
one of the MASK bits high, the corresponding
IRQ source is disabled. By default all IRQ
sources are enabled.
The 3 bit pipe information in the STATUS
register is updated during the IRQ pin high to
low transition. If the STATUS register is read
during an IRQ pin high to low transition, the
pipe information is unreliable.
6.3
SPI Interface
6.3.1
SPI Command
The SPI commands are shown in Table 3.
Every new command must be started by a high
to low transition on CSN.
In parallel to the SPI command word applied
on the MOSI pin, the STATUS register is
shifted serially out on the MISO pin.
The serial shifting SPI commands is in the
following format:
<Command word: MSB bit to LSB bit
(one byte)>
<Data bytes: LSB byte to MSB byte,
MSB bit in each byte first> for all
registers at bank 0 and register 9 to
register 14 at bank 1
<Data bytes: MSB byte to LSB byte,
MSB bit in each byte first> for register 0
to register 8 at bank 1
Command name
Command
word
(binary)
# Data
bytes
Operation
R_REGISTER
000A AAAA
1 to 5
LSB byte first
Read command and status registers. AAAAA =
5 bit Register Map Address
W_REGISTER
001A AAAA
1 to 5
LSB byte first
Write command and status registers. AAAAA = 5
bit Register Map Address
Executable in power down or standby modes only.
R_RX_PAYLOAD
0110 0001
1 to 32
LSB byte first
Read RX-payload: 1 – 32 bytes. A read operation
always starts at byte 0. Payload is deleted from FIFO
after it is read. Used in RX mode.
W_TX_PAYLOAD
1010 0000
1 to 32
LSB byte first
Write TX-payload: 1 – 32 bytes. A write operation
always starts at byte 0 used in TX payload.
FLUSH_TX
1110 0001
0
Flush TX FIFO, used in TX mode
FLUSH_RX
1110 0010
0
Flush RX FIFO, used in RX mode
Should not be executed during transmission of
acknowledge, that is, acknowledge package will not
be completed.
REUSE_TX_PL
1110 0011
0
Used for a PTX device
Reuse last transmitted payload. Packets are repeatedly
retransmitted as long as CE is high.
TX payload reuse is active until
W_TX_PAYLOAD or FLUSH TX is executed. TX
payload reuse must not be activated or deactivated
during package transmission



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com