Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BK2425WD Datasheet(PDF) 24 Page - List of Unclassifed Manufacturers

Part # BK2425WD
Description  Low Power High Performance 2.4 GHz GFSK Transceiver
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

BK2425WD Datasheet(HTML) 24 Page - List of Unclassifed Manufacturers

Back Button BK2425WD Datasheet HTML 20Page - List of Unclassifed Manufacturers BK2425WD Datasheet HTML 21Page - List of Unclassifed Manufacturers BK2425WD Datasheet HTML 22Page - List of Unclassifed Manufacturers BK2425WD Datasheet HTML 23Page - List of Unclassifed Manufacturers BK2425WD Datasheet HTML 24Page - List of Unclassifed Manufacturers BK2425WD Datasheet HTML 25Page - List of Unclassifed Manufacturers BK2425WD Datasheet HTML 26Page - List of Unclassifed Manufacturers BK2425WD Datasheet HTML 27Page - List of Unclassifed Manufacturers BK2425WD Datasheet HTML 28Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 30 page
background image
BK2425
Revision 1.0
Proprietary and Confidential
Page 24 of 30
10 Package and Die Bonding Information
10.1 Package Information
QFN20 4x4 package and SSOP20 are available for BK2425, Detail information of the package
follows:
Figure 11 QFN20 4x4 package diagram
Parameter
Min
Typ
Max
Unit
A
0.70
0.75
0.80
mm
A1
0.00
-
0.05
mm
A3
0.20 REF
mm
D
3.95
4.00
4.05
mm
E
3.95
4.00
4.05
mm
b
0.18
0.23
0.30
mm
L
0.30
0.40
0.50
mm
D2
2.55
2.70
2.80
mm
E2
2.55
2.70
2.80
mm
e
0.50 REF
mm
Table 7 QFN20 4x4 Package dimensions
Package marking
BK2425
QYYWWXX
Q
Y
Y
W
W
XX
QFN
Year number
Week number
Internal Code
Table 8 QFN20 Package marking



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com