Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BQ27Z561-R1 Datasheet(PDF) 16 Page - Texas Instruments

Click here to check the latest version.
Part # BQ27Z561-R1
Description  Impedance Track battery gas gauge solution for 1-series cell li-ion battery packs
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

BQ27Z561-R1 Datasheet(HTML) 16 Page - Texas Instruments

Back Button BQ27Z561-R1 Datasheet HTML 12Page - Texas Instruments BQ27Z561-R1 Datasheet HTML 13Page - Texas Instruments BQ27Z561-R1 Datasheet HTML 14Page - Texas Instruments BQ27Z561-R1 Datasheet HTML 15Page - Texas Instruments BQ27Z561-R1 Datasheet HTML 16Page - Texas Instruments BQ27Z561-R1 Datasheet HTML 17Page - Texas Instruments BQ27Z561-R1 Datasheet HTML 18Page - Texas Instruments BQ27Z561-R1 Datasheet HTML 19Page - Texas Instruments BQ27Z561-R1 Datasheet HTML 20Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 24 page
background image
16
BQ27Z561-R1
SLUSDH5 – MARCH 2019
www.ti.com
Product Folder Links: BQ27Z561-R1
Submit Documentation Feedback
Copyright © 2019, Texas Instruments Incorporated
Typical Applications (continued)
Design Parameter
Example
Cell Low Voltage
2500 mV
9.2.2 Detailed Design Procedure
9.2.2.1 Changing Design Parameters
For the firmware settings needed for the design requirements, refer to the BQ27Z561-R1 Technical Reference
Manual (SLUUBY5).
•
To change design capacity, set the data flash value (in mAh) in the Gas Gauging: Design: Design Capacity
register.
•
To set device chemistry, go to the data flash I2C Configuration: Data: Device Chemistry. The BQStudio
software automatically populates the correct chemistry identification. This selection is derived from using the
BQCHEM feature in the tools and choosing the option that matches the device chemistry from the list.
•
To set the design voltage, go to Gas Gauging: Design: Design Voltage register.
•
To set the Cell Low Voltage or clear the Cell Low Voltage, use Settings: Configuration: Init Voltage Low
Set or Clear. This is used to set the cell voltage level that will set (clear) the [VOLT_LO] bit in the Interrupt
Status register.
•
To enable the internal temperature and the external temperature sensors: Set Settings:Configuration:
Temperature Enable: Bit 0 (TSInt) = 1 for the internal sensor; set Bit 1 (TS1) = 1 for the external sensor.
9.2.3 Calibration Process
The calibration of current, voltage, and temperature readings is accessible by writing 0xF081 or 0xF082 to
ManufacturerAccess(). A detailed procedure is included in the BQ27Z561-R1 Technical Reference Manual
(SLUUBY5) in the Calibration section. The description allows for calibration of cell voltage measurement offset,
battery voltage, current calibration, coulomb counter offset, PCB offset, CC gain/capacity gain, and temperature
measurement for both internal and external sensors.
9.2.4 Gauging Data Updates
When a battery pack enabled with the BQ27Z561-R1 gas gauge is cycled, the value of FullChargeCapacity()
updates several times, including the onset of charge or discharge, charge termination, temperature delta,
resistance updates during discharge, and relaxation. Figure 9 shows actual battery voltage, load current, and
FullChargeCapacity() when some of those updates occur during a single application cycle.
Update points from the plot include:
•
Charge termination at 7900 s
•
Relaxation at 9900 s
•
Resistance update at 11500 s



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com