Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BQ27Z561-R1 Datasheet(PDF) 3 Page - Texas Instruments

Click here to check the latest version.
Part # BQ27Z561-R1
Description  Impedance Track battery gas gauge solution for 1-series cell li-ion battery packs
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

BQ27Z561-R1 Datasheet(HTML) 3 Page - Texas Instruments

  BQ27Z561-R1 Datasheet HTML 1Page - Texas Instruments BQ27Z561-R1 Datasheet HTML 2Page - Texas Instruments BQ27Z561-R1 Datasheet HTML 3Page - Texas Instruments BQ27Z561-R1 Datasheet HTML 4Page - Texas Instruments BQ27Z561-R1 Datasheet HTML 5Page - Texas Instruments BQ27Z561-R1 Datasheet HTML 6Page - Texas Instruments BQ27Z561-R1 Datasheet HTML 7Page - Texas Instruments BQ27Z561-R1 Datasheet HTML 8Page - Texas Instruments BQ27Z561-R1 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 24 page
background image
1
2
3
D
C
B
A
Not to scale
SRP
BAT
CE
SRN
BAT_SNS
NU
TS
VSS
SCL
INT
PULS
SDA/HDQ
3
BQ27Z561-R1
www.ti.com
SLUSDH5 – MARCH 2019
Product Folder Links: BQ27Z561-R1
Submit Documentation Feedback
Copyright © 2019, Texas Instruments Incorporated
(1)
P = Power Connection, O = Digital Output, AI = Analog Input, I = Digital Input, I/O = Digital Input/Output, NU = Not Used
5 Description (cont.)
The integrated SHA-256 functionality helps enable secure identification between systems and packs. The
interrupt and BTP functions facilitate the BQ27Z561-R1 device to inform the system when a specific state-of-
charge (SOC), voltage, or temperature condition occurs. The low-voltage operation enables the system to
continue monitoring the battery even in deeply discharged conditions. During low-activity situations, the device
can be set to the low power coulomb counting (CC) mode, which enables the device to continue its coulomb
counting while reducing operating current significantly.
6 Pin Configuration and Functions
Pin Functions
NUMBER
NAME
I/O
DESCRIPTION
D2
BAT
P(1)
Battery voltage measurement input. Kelvin battery sense connection to BAT_SNS. Connect a
capacitor (1 µF) between BAT and VSS. Place the capacitor close to the gauge.
D3
CE
I
Active high chip enable
C2
BAT_SNS
AI
Battery sense
A1
INT
O
Interrupt for voltage, temperature, and state of charge (programmable active high or low)
A2
PULS
O
Programmable pulse width with active high or low option
B1
TS
AI
Temperature input for ADC
C3
NU
NU
Makes no external connection
B3
SCL
I/O
Serial clock for I2C interface; requires external pull up when used. It can be left floating if
unused.
A3
SDA/HDQ
I/O
Serial data for I2C interface and one-wire interface for HDQ (selectable); requires external pull
up when used. It can be left floating if unused.
D1
SRP
I
Analog input pin connected to the internal coulomb counter peripheral for integrating a small
voltage between SRP (positive side) and SRN
C1
SRN
I
Analog input pin connected to the internal coulomb counter peripheral for integrating a small
voltage between SRP (positive side) and SRN.
B2
VSS
P
Device Ground



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com