Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BQ27Z561-R1 Datasheet(PDF) 4 Page - Texas Instruments

Click here to check the latest version.
Part # BQ27Z561-R1
Description  Impedance Track battery gas gauge solution for 1-series cell li-ion battery packs
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

BQ27Z561-R1 Datasheet(HTML) 4 Page - Texas Instruments

  BQ27Z561-R1 Datasheet HTML 1Page - Texas Instruments BQ27Z561-R1 Datasheet HTML 2Page - Texas Instruments BQ27Z561-R1 Datasheet HTML 3Page - Texas Instruments BQ27Z561-R1 Datasheet HTML 4Page - Texas Instruments BQ27Z561-R1 Datasheet HTML 5Page - Texas Instruments BQ27Z561-R1 Datasheet HTML 6Page - Texas Instruments BQ27Z561-R1 Datasheet HTML 7Page - Texas Instruments BQ27Z561-R1 Datasheet HTML 8Page - Texas Instruments BQ27Z561-R1 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 24 page
background image
4
BQ27Z561-R1
SLUSDH5 – MARCH 2019
www.ti.com
Product Folder Links: BQ27Z561-R1
Submit Documentation Feedback
Copyright © 2019, Texas Instruments Incorporated
(1)
Stresses beyond those listed under Absolute Maximum Ratings may cause permanent damage to the device. These are stress ratings
only, which do not imply functional operation of the device at these or any other conditions beyond those indicated under Recommended
Operating Conditions. Exposure to absolute-maximum-rated conditions for extended periods may affect device reliability.
7 Specifications
7.1 Absolute Maximum Ratings
Over operating free-air temperature range (unless otherwise noted)
(1)
MIN
MAX
UNIT
Input Voltage
BAT
–0.3
6
V
INT, PULS, CE
–0.3
6
V
SRP, SRN, BAT_SNS
–0.3
VBAT + 0.3
V
TS
–0.3
2.1
V
SCL, SDA/HDQ
–0.3
6
V
Operating ambient temperature, TA
–40
85
°C
Operating junction temperature, TJ
–40
125
°C
Storage temperature, Tstg
–65
150
°C
(1)
JEDEC document JEP155 states that 500-V HBM allows safe manufacturing with a standard ESD control process.
(2)
JEDEC document JEP157 states that 250-V CDM allows safe manufacturing with a standard ESD control process.
7.2 ESD Ratings
VALUE
UNIT
V(ESD)
Electrostatic discharge
Human-body model (HBM) on all pins, per
ANSI/ESDA/JEDEC JS-001(1)
±1500
V
Charged-device model (CDM) on all pins, per JEDEC
specification JESD22-C101(2)
±500
7.3 Recommended Operating Conditions
Unless otherwise noted, characteristics noted under conditions of TA = –40 to 85℃
MIN
NOM
MAX
UNIT
VBAT
Supply voltage
No operating restrictions
2.0
5.5
V
CBAT
External capacitor from BAT to
VSS
1
µF
VTS
Temperature sense
0
1.8
V
VPULS,
VINT, VCE
Input and output pins
0
VBAT
V
VSCL,
VSDA/HDQ
Communication pins
0
VBAT
V
(1)
For more information about traditional and new thermal metrics, see the Semiconductor and IC Package Thermal Metrics application
report (SPRA953).
7.4 Thermal Information
Over-operating free-air temperature range (unless otherwise noted)
THERMAL METRIC(1)
BQ27Z561-R1
UNIT
DSBGA (YPH)
(12 PINS)
RθJA
Junction-to-ambient thermal resistance
64.1
°C/W
RθJC(top)
Junction-to-case (top) thermal resistance
59.8
RθJB
Junction-to-board thermal resistance
52.7
ψJT
Junction-to-top characterization parameter
0.3
ψJB
Junction-to-board characterization parameter
28.3
RθJC(bot)
Junction-to-case (bottom) thermal resistance
2.4



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com