Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BQ27Z561-R1 Datasheet(PDF) 8 Page - Texas Instruments

Click here to check the latest version.
Part # BQ27Z561-R1
Description  Impedance Track battery gas gauge solution for 1-series cell li-ion battery packs
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

BQ27Z561-R1 Datasheet(HTML) 8 Page - Texas Instruments

Back Button BQ27Z561-R1 Datasheet HTML 4Page - Texas Instruments BQ27Z561-R1 Datasheet HTML 5Page - Texas Instruments BQ27Z561-R1 Datasheet HTML 6Page - Texas Instruments BQ27Z561-R1 Datasheet HTML 7Page - Texas Instruments BQ27Z561-R1 Datasheet HTML 8Page - Texas Instruments BQ27Z561-R1 Datasheet HTML 9Page - Texas Instruments BQ27Z561-R1 Datasheet HTML 10Page - Texas Instruments BQ27Z561-R1 Datasheet HTML 11Page - Texas Instruments BQ27Z561-R1 Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 24 page
background image
SCL
SDA
tHD;STA
tLOW
tr
tHD;DAT
tHIGH
tf
tSU;DAT
tSU;STA
tSU;STO
tf
START
REPEATED
START
STOP
tHD;STA
START
tSP
tr
tBUF
8
BQ27Z561-R1
SLUSDH5 – MARCH 2019
www.ti.com
Product Folder Links: BQ27Z561-R1
Submit Documentation Feedback
Copyright © 2019, Texas Instruments Incorporated
I
2C Timing — 400 kHz (continued)
PARAMETER
TEST CONDITIONS
MIN
NOM
MAX
UNIT
tLOW
Low period of the SCL Clock
1.3
µs
tHIGH
High period of the SCL
Clock
600
ns
tSU:STA
Setup repeated START
600
ns
tHD:DAT
Data hold time (SDA input)
0
ns
tSU:DAT
Data setup time (SDA input)
100
ns
tr
Clock Rise Time
10% to 90%
300
ns
tf
Clock Fall Time
90% to 10%
300
ns
tSU:STO
Setup time STOP Condition
0.6
µs
tBUF
Bus free time STOP to
START
1.3
µs
7.19 HDQ Timing
PARAMETER
TEST CONDITIONS
MIN
NOM
MAX
UNIT
tB
Break Time
190
µs
tBR
Break Recovery Time
40
µs
tHW1
Host Write 1 Time
Host drives HDQ
0.5
50
µs
tHW0
Host Write 0 Time
Host drives HDQ
86
145
µs
tCYCH
Cycle Time, Host to device
Device drives HDQ
190
µs
tCYCD
Cycle Time, device to Host
Device drives HDQ
190
205
250
µs
tDW1
Device Write 1 Time
Device drives HDQ
32
50
µs
tDW0
Device Write 0 Time
Device drives HDQ
80
145
µs
tRSPS
Device Response Time
Device drives HDQ
190
950
µs
tTRND
Host Turn Around Time
Host drives HDQ after device drives
HDQ
250
µs
tRISE
HDQ Line Rising Time to
Logic 1
1.8
µs
tRST
HDQ Reset
Host drives HDQ low before device
reset
2.2
s
Figure 1. I2C Timing



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com