Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BQ27Z561-R1 Datasheet(PDF) 13 Page - Texas Instruments

Click here to check the latest version.
Part # BQ27Z561-R1
Description  Impedance Track battery gas gauge solution for 1-series cell li-ion battery packs
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

BQ27Z561-R1 Datasheet(HTML) 13 Page - Texas Instruments

Back Button BQ27Z561-R1 Datasheet HTML 9Page - Texas Instruments BQ27Z561-R1 Datasheet HTML 10Page - Texas Instruments BQ27Z561-R1 Datasheet HTML 11Page - Texas Instruments BQ27Z561-R1 Datasheet HTML 12Page - Texas Instruments BQ27Z561-R1 Datasheet HTML 13Page - Texas Instruments BQ27Z561-R1 Datasheet HTML 14Page - Texas Instruments BQ27Z561-R1 Datasheet HTML 15Page - Texas Instruments BQ27Z561-R1 Datasheet HTML 16Page - Texas Instruments BQ27Z561-R1 Datasheet HTML 17Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 24 page
background image
13
BQ27Z561-R1
www.ti.com
SLUSDH5 – MARCH 2019
Product Folder Links: BQ27Z561-R1
Submit Documentation Feedback
Copyright © 2019, Texas Instruments Incorporated
Feature Description (continued)
8.3.4 Bus Communication Interface
The BQ27Z561-R1 device has an I2C bus communication interface. Alternatively, the BQ27Z561-R1 can be
configured to communicate through the HDQ pin (shared with SDA).
NOTE
Once the device is switched to the HDQ protocol, it is not reversible.
8.3.5 Low Frequency Oscillator
The BQ27Z561-R1 device includes a low frequency oscillator (LFO) running at 65.536 kHz.
8.3.6 High Frequency Oscillator
The BQ27Z561-R1 includes a high frequency oscillator (HFO) running at 16.78 MHz. It is frequency locked to the
LFO output and scaled down to 8.388 MHz with a 50% duty cycle.
8.3.7 1.8-V Low Dropout Regulator
The BQ27Z561-R1 device contains an integrated capacitor-less 1.8-V LDO (REG18) that provides regulated
supply voltage for the device CPU and internal digital logic.
8.3.8 Internal Voltage References
The BQ27Z561-R1 device provides two internal voltage references. REF1 is used by REG18, oscillators, and
CC. REF2 is used by the ADC.
8.3.9 Gas Gauging
This device uses the Impedance Track™ technology to measure and determine the available charge in battery
cells. See the Theory and Implementation of Impedance Track Battery Fuel-Gauging Algorithm Application
Report (SLUA450) for further details.
8.3.10 Charge Control Features
This device supports charge control features, such as:
•
Reports charging voltage and charging current based on the active temperature range—JEITA temperature
ranges T1, T2, T3, T4, T5, and T6
•
Provides more complex charging profiles, including sub-ranges within a standard temperature range
•
Reports the appropriate charging current required for constant current charging, and the appropriate charging
voltage needed for constant voltage charging to a smart charger, using the bus communication interface
•
Compensates the charging profile based on the value of RelativeStateOfCharge( ).
•
Selects the chemical state-of-charge of each battery cell using the Impedance Track method
•
Reports charging faults and indicates charge status via charge and discharge alarms
8.3.11 Authentication
This device supports security with the following features, which can be enabled if desired:
•
Authentication by the host using the SHA-256 method
•
The gas gauge requires SHA-256 authentication before the device can be unsealed or allow full access.
8.4 Device Functional Modes
This device supports four modes, but the current consumption varies, based on firmware control of certain
functions and modes of operation:
•
NORMAL mode: In this mode, the device performs measurements, calculations, protections, and data
updates every 250-ms intervals. Between these intervals, the device is operating in a reduced power stage to
minimize total average current consumption.
•
SLEEP mode: In this mode, the device performs measurements, calculations, and data updates in adjustable



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com