Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FS98O21 Datasheet(PDF) 49 Page - Fortune Semiconductor Corp.

Part # FS98O21
Description  8-bit MCU with 2k program EPROM, 128-byte RAM
PDF  136 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FORTUNE [Fortune Semiconductor Corp.]
Direct Link  https://www.ic-fortune.com/eng/index.asp
Logo FORTUNE - Fortune Semiconductor Corp.

FS98O21 Datasheet(HTML) 49 Page - Fortune Semiconductor Corp.

Back Button FS98O21 Datasheet HTML 45Page - Fortune Semiconductor Corp. FS98O21 Datasheet HTML 46Page - Fortune Semiconductor Corp. FS98O21 Datasheet HTML 47Page - Fortune Semiconductor Corp. FS98O21 Datasheet HTML 48Page - Fortune Semiconductor Corp. FS98O21 Datasheet HTML 49Page - Fortune Semiconductor Corp. FS98O21 Datasheet HTML 50Page - Fortune Semiconductor Corp. FS98O21 Datasheet HTML 51Page - Fortune Semiconductor Corp. FS98O21 Datasheet HTML 52Page - Fortune Semiconductor Corp. FS98O21 Datasheet HTML 53Page - Fortune Semiconductor Corp. Next Button
Zoom Inzoom in Zoom Outzoom out
 49 / 136 page
background image
FS98O21
Rev. 1.7
49/136
6.
Timer Module and Watch Dog Timer
Table 6-1 Timer module and watch dog timer register table
Address
Name
Referenced
Section
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2 Bit 1 Bit 0
Value on Power on
Reset
04h
STATUS
1.11/3.4.2
--
TO
--
--
--
00u00uuu
06h
INTF
3/6/7/9/10/11
TMIF
--
--
--
--
00000000
07h
INTE
3/6/7/9/10/11
GIE
TMIE
--
--
--
--
00000000
0Dh
WDTCO
N
6.3
WDTEN
WTS [2:0]
0uuuu000
0Eh
TMOUT
6.1
TMOUT [7:0]
00000000
0Fh
TMCON
6.1
TRST
TMEN
INS [2:0]
1uuu0000
The Registers are described as follows.
Register WDTCON at address 0Dh
property
R/W-0
U-X
U-X
U-X
U-X
R/W-0
R/W-0
R/W-0
WDTCON
WDTEN
WTS [2:0]
Bit7
Bit0
Bit 7
WDTEN
: Watch Dog Timer enable flag (Please refer to Section 6.2 for detail)
1 = Watch Dog Timer is enabled.
0 = Watch Dog Timer is disabled
Bit 2-0 WTS [2:0]: Watch Dog Timer counter 2 Input Selector (Please refer to Chapter 6.2 for details)
111 = Watch Dog Timer Counter 2 Input is WDTA[0]
110 = Watch Dog Timer Counter 2 Input is WDTA[1]
101 = Watch Dog Timer Counter 2 Input is WDTA[2]
100 = Watch Dog Timer Counter 2 Input is WDTA[3]
011 = Watch Dog Timer Counter 2 Input is WDTA[4]
010 = Watch Dog Timer Counter 2 Input is WDTA[5]
001 = Watch Dog Timer Counter 2 Input is WDTA[6]
000 = Watch Dog Timer Counter 2 Input is WDTA[7]
property
R = Readable bit
W = Writable bit
U = unimplemented bit
- n = Value at Power On Reset
‘1’ = Bit is Set
‘0’ = Bit is Cleared
X = Bit is unknown



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com