Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FS98O21 Datasheet(PDF) 21 Page - Fortune Semiconductor Corp.

Part # FS98O21
Description  8-bit MCU with 2k program EPROM, 128-byte RAM
PDF  136 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FORTUNE [Fortune Semiconductor Corp.]
Direct Link  https://www.ic-fortune.com/eng/index.asp
Logo FORTUNE - Fortune Semiconductor Corp.

FS98O21 Datasheet(HTML) 21 Page - Fortune Semiconductor Corp.

Back Button FS98O21 Datasheet HTML 17Page - Fortune Semiconductor Corp. FS98O21 Datasheet HTML 18Page - Fortune Semiconductor Corp. FS98O21 Datasheet HTML 19Page - Fortune Semiconductor Corp. FS98O21 Datasheet HTML 20Page - Fortune Semiconductor Corp. FS98O21 Datasheet HTML 21Page - Fortune Semiconductor Corp. FS98O21 Datasheet HTML 22Page - Fortune Semiconductor Corp. FS98O21 Datasheet HTML 23Page - Fortune Semiconductor Corp. FS98O21 Datasheet HTML 24Page - Fortune Semiconductor Corp. FS98O21 Datasheet HTML 25Page - Fortune Semiconductor Corp. Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 136 page
background image
FS98O21
Rev. 1.7
21/136
3.
Memory Organization
Program Memory Structure
FS98O21 has an 11bits Program Counter which is capable of addressing a 2k x 16bits program memory space
and a 6 level depth 11bits Stack Register. The Start up/Reset Vector is at 0000h. When FS98O21 is started or
its program is reset, the Program Counter will point to Reset Vector. The Interrupt Vector is at 0004h. No matter
what ISR is processed, the Program Counter will point to Interrupt Vector. Please see Figure 3-1.
P rogram C onter
S tack L evel 1
S tack L evel 2
S tack L evel 3
S tack L evel 4
R eset V ector
Interrupt V ector
0000h
0004h
07FF h
S tack L evel 5
S tack L evel 6
Figure 3-1 FS98O21 program memory structure
Data Memory Structure
FS98O21 has a 256 byte SRAM for Data Memory. The data memory is partitioned into three parts. The area
with address 00h~07h is reserved for system special registers, such as indirect address, indirect address
pointer, status register, working register, interrupt flag, interrupt control register. The address 08h~7Fh areas
are peripheral special registers, such as I/O ports, timer, ADC, signal conditional network control register, LCD
driver. The address 80h~0FFh areas are general data memory. Please see Table 3-1.
Table 3-1 FS98O21 Data memory structure
Start Address
End Address
Data Memory
00h
07h
System Special Registers
08h
7Fh
Peripheral Special Registers
080h
0FFh
General Data Memory



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com