Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FS98O21 Datasheet(PDF) 80 Page - Fortune Semiconductor Corp.

Part # FS98O21
Description  8-bit MCU with 2k program EPROM, 128-byte RAM
PDF  136 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FORTUNE [Fortune Semiconductor Corp.]
Direct Link  https://www.ic-fortune.com/eng/index.asp
Logo FORTUNE - Fortune Semiconductor Corp.

FS98O21 Datasheet(HTML) 80 Page - Fortune Semiconductor Corp.

Back Button FS98O21 Datasheet HTML 76Page - Fortune Semiconductor Corp. FS98O21 Datasheet HTML 77Page - Fortune Semiconductor Corp. FS98O21 Datasheet HTML 78Page - Fortune Semiconductor Corp. FS98O21 Datasheet HTML 79Page - Fortune Semiconductor Corp. FS98O21 Datasheet HTML 80Page - Fortune Semiconductor Corp. FS98O21 Datasheet HTML 81Page - Fortune Semiconductor Corp. FS98O21 Datasheet HTML 82Page - Fortune Semiconductor Corp. FS98O21 Datasheet HTML 83Page - Fortune Semiconductor Corp. FS98O21 Datasheet HTML 84Page - Fortune Semiconductor Corp. Next Button
Zoom Inzoom in Zoom Outzoom out
 80 / 136 page
background image
FS98O21
Rev. 1.7
80/136
Register PMD1L at address 31h
property
R/W-0
R/W-0
R/W-0
R/W-0
R/W-0
R/W-0
R/W-0
R/W-0
PMD1L
PMD1[7:0]
Bit7
Bit0
Bit 15-0 PMD1[15:0]: PDM Module Data output Control Register
PMD1[15] = PDM15 (PDM CLK/2
1)Signal Combination enable flag. 0 = Enable ; 1 = Disable
PMD1[14] = PDM14 (PDM CLK/2
2)Signal Combination enable flag. 0 = Enable ; 1 = Disable
PMD1[13] = PDM13 (PDM CLK/2
3)Signal Combination enable flag. 0 = Enable ; 1 = Disable
PMD1[12] = PDM12 (PDM CLK/2
4)Signal Combination enable flag. 0 = Enable ; 1 = Disable
PMD1[11] = PDM11 (PDM CLK/2
5)Signal Combination enable flag. 0 = Enable ; 1 = Disable
PMD1[10] = PDM10 (PDM CLK/2
6)Signal Combination enable flag. 0 = Enable ; 1 = Disable
PMD1[9] = PDM9 (PDM CLK/2
7)Signal Combination enable flag. 0 = Enable ; 1 = Disable
PMD1[8] = PDM8 (PDM CLK/2
8)Signal Combination enable flag. 0 = Enable ; 1 = Disable
PMD1[7] = PDM7 (PDM CLK/2
9)Signal Combination enable flag. 0 = Enable ; 1 = Disable
PMD1[6] = PDM6 (PDM CLK/2
10)Signal Combination enable flag. 0 = Enable ; 1 = Disable
PMD1[5] = PDM5 (PDM CLK/2
11)Signal Combination enable flag. 0 = Enable ; 1 = Disable
PMD1[4] = PDM4 (PDM CLK/2
12)Signal Combination enable flag. 0 = Enable ; 1 = Disable
PMD1[3] = PDM3 (PDM CLK/2
13)Signal Combination enable flag. 0 = Enable ; 1 = Disable
PMD1[2] = PDM2 (PDM CLK/2
14)Signal Combination enable flag. 0 = Enable ; 1 = Disable
PMD1[1] = PDM1 (PDM CLK/2
15)Signal Combination enable flag. 0 = Enable ; 1 = Disable
PMD1[0] = PDM0 (PDM CLK/2
16)Signal Combination enable flag. 0 = Enable ; 1 = Disable
property
R = Readable bit
W = Writable bit
U = unimplemented bit
- n = Value at Power On
Reset
‘1’ = Bit is Set
‘0’ = Bit is Cleared
X = Bit is unknown



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com