Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FS98O21 Datasheet(PDF) 92 Page - Fortune Semiconductor Corp.

Part # FS98O21
Description  8-bit MCU with 2k program EPROM, 128-byte RAM
PDF  136 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FORTUNE [Fortune Semiconductor Corp.]
Direct Link  https://www.ic-fortune.com/eng/index.asp
Logo FORTUNE - Fortune Semiconductor Corp.

FS98O21 Datasheet(HTML) 92 Page - Fortune Semiconductor Corp.

Back Button FS98O21 Datasheet HTML 88Page - Fortune Semiconductor Corp. FS98O21 Datasheet HTML 89Page - Fortune Semiconductor Corp. FS98O21 Datasheet HTML 90Page - Fortune Semiconductor Corp. FS98O21 Datasheet HTML 91Page - Fortune Semiconductor Corp. FS98O21 Datasheet HTML 92Page - Fortune Semiconductor Corp. FS98O21 Datasheet HTML 93Page - Fortune Semiconductor Corp. FS98O21 Datasheet HTML 94Page - Fortune Semiconductor Corp. FS98O21 Datasheet HTML 95Page - Fortune Semiconductor Corp. FS98O21 Datasheet HTML 96Page - Fortune Semiconductor Corp. Next Button
Zoom Inzoom in Zoom Outzoom out
 92 / 136 page
background image
FS98O21
Rev. 1.7
92/136
Register ADOH at address 10h
Property
R-0
R-0
R-0
R-0
R-0
R-0
R-0
R-0
ADOH
ADO [15:8]
Bit7
Bit0
Register ADOL at address 11h
property
R-0
R-0
R-0
R-0
R-0
R-0
R-0
R-0
ADOL
ADO [7:0]
Bit7
Bit0
Bit 15-0 ADO [15:0]: ADC Digital Output
ADO[15] = ADC Digital Output sign bit. 0 = Output is positive; 1 = Output is negative.
ADO[14] = ADC Digital Output sign bit. 0 = Output is positive; 1 = Output is negative.
ADO[13] = ADC Digital Output Data bit 13.
ADO[12] = ADC Digital Output Data bit 12.
ADO[11] = ADC Digital Output Data bit 11.
ADO[10] = ADC Digital Output Data bit 10.
ADO[9] = ADC Digital Output Data bit 9.
ADO[8] = ADC Digital Output Data bit 8.
ADO[7] = ADC Digital Output Data bit 7.
ADO[6] = ADC Digital Output Data bit 6.
ADO[5] = ADC Digital Output Data bit 5.
ADO[4] = ADC Digital Output Data bit 4.
ADO[3] = ADC Digital Output Data bit 3.
ADO[2] = ADC Digital Output Data bit 2.
ADO[1] = ADC Digital Output Data bit 1.
ADO[0] = ADC Digital Output Data bit 0.
property
R = Readable bit
W = Writable bit
U = unimplemented bit
- n = Value at Power On
Reset
‘1’ = Bit is Set
‘0’ = Bit is Cleared
X = Bit is unknown



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com