Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FS98O21 Datasheet(PDF) 13 Page - Fortune Semiconductor Corp.

Part # FS98O21
Description  8-bit MCU with 2k program EPROM, 128-byte RAM
PDF  136 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FORTUNE [Fortune Semiconductor Corp.]
Direct Link  https://www.ic-fortune.com/eng/index.asp
Logo FORTUNE - Fortune Semiconductor Corp.

FS98O21 Datasheet(HTML) 13 Page - Fortune Semiconductor Corp.

Back Button FS98O21 Datasheet HTML 9Page - Fortune Semiconductor Corp. FS98O21 Datasheet HTML 10Page - Fortune Semiconductor Corp. FS98O21 Datasheet HTML 11Page - Fortune Semiconductor Corp. FS98O21 Datasheet HTML 12Page - Fortune Semiconductor Corp. FS98O21 Datasheet HTML 13Page - Fortune Semiconductor Corp. FS98O21 Datasheet HTML 14Page - Fortune Semiconductor Corp. FS98O21 Datasheet HTML 15Page - Fortune Semiconductor Corp. FS98O21 Datasheet HTML 16Page - Fortune Semiconductor Corp. FS98O21 Datasheet HTML 17Page - Fortune Semiconductor Corp. Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 136 page
background image
FS98O21
Rev. 1.7
13/136
Pin Description
Table 1-2 FS98O21 pin description
Name
In/Out/Power
Pin No
Description
TST
I
1
Testing Mode
RST
I
2
CPU Reset
VPP
P
3
Programming Power Supply
OP1O
I/O
5
OPAMP 1 Output
REFO
O
6
Band gap Reference Output
FTB, FTC
I/O
7, 8
ADC Pre-Filter Capacitor Connection
VB
I/O
9
VDDA Capacitor Connection
AGND
O
10
Analog Ground
PT1<0~5>/AIN0~5
I/O
11~16
Digital I/O Port or Analog input channel
PT2<0~1>/INT0~1
I/O
19~20
Digital I/O Port and External Interrupt input
PT2<2>/PDM1
I/O
21
Digital I/O Port or PDM output
PT2<3>/SDA
I/O
22
Digital I/O Port or I2C serial Bi-Directional data line
PT2<4>/SCL
I/O
23
Digital I/O Port or I2C clock input
PT1<6~7>,
PT2<5~6>
I/O
17~18
24~25
Digital I/O Port
PT2<7>/BZ
I/O
26
Digital I/O Port or Buzzer Output
SEG12~SEG1
O
33~44
LCD Segment Driver Output
COM4~COM1
O
45~48
LCD Common Driver Output
LCA
I/O
49
LCD Charge Pump Capacitor Positive Connection
LCB
I/O
50
LCD Charge Pump Capacitor Negative Connection
V3,V2,V1
P
51~53
LCD Bias
VDDA
P
54
Analog Power Output
VS
P
55
Voltage Source from VDDA
VGG
P
56
Charge Pump Voltage
VSSP
P
57
Charge Pump Power Supply Negative Connection
CB
I/O
58
Charge Pump Capacitor Negative Connection
CA
I/O
59
Charge Pump Capacitor Positive Connection
VDDP
P
60
Charge Pump Power Supply Positive Connection
VDD
P
61
Power Supply Positive Connection
VSS
P
62
Power Supply Negative Connection(Ground)
XOUT
O
63
32768Hz Oscillator Output
XIN
I
64
32768Hz Oscillator Input
NC
-
-
No Connection



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com