Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FS9952_LP2 Datasheet(PDF) 29 Page - Fortune Semiconductor Corp.

Part # FS9952_LP2
Description  2,000 counts auto range DMM IC
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FORTUNE [Fortune Semiconductor Corp.]
Direct Link  https://www.ic-fortune.com/eng/index.asp
Logo FORTUNE - Fortune Semiconductor Corp.

FS9952_LP2 Datasheet(HTML) 29 Page - Fortune Semiconductor Corp.

Back Button FS9952_LP2 Datasheet HTML 25Page - Fortune Semiconductor Corp. FS9952_LP2 Datasheet HTML 26Page - Fortune Semiconductor Corp. FS9952_LP2 Datasheet HTML 27Page - Fortune Semiconductor Corp. FS9952_LP2 Datasheet HTML 28Page - Fortune Semiconductor Corp. FS9952_LP2 Datasheet HTML 29Page - Fortune Semiconductor Corp. FS9952_LP2 Datasheet HTML 30Page - Fortune Semiconductor Corp. FS9952_LP2 Datasheet HTML 31Page - Fortune Semiconductor Corp. FS9952_LP2 Datasheet HTML 32Page - Fortune Semiconductor Corp. FS9952_LP2 Datasheet HTML 33Page - Fortune Semiconductor Corp. Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 34 page
background image
FS9952_LP2
Resistance Measurement
R23 10M
R22 1.111M
R21 101.01k
R20 10k
R19 1k
R18 100k
R15 10k
Rx
J8
J6
Ohm
COM
15 TENM
14 ONEM
13 HUNK
12 TENK
11 ONEK
10 RL
6 SGND
FS9952
AGND
PTC
1.5k
9 CRES1
C11
27nF
R17 900k
8 SMV
Diagram 28 Resistance Measurement
Resistance measurement refers to standard resistance, and then takes a comparison between measuring
resistance and standard resistance to get the measuring resistance value. The standard resistance of 20MΩ
mode is 10MΩ (R23). The standard resistance of other modes are R23 to parallel respectively with R22, R21,
R20 and R19 to get 1MΩ, 100kΩ, 10kΩ, 1kΩ resistance. When doing resistance measurement, internal IC will
generate 0.4V voltage (relative to AGND), the voltage is output respectively to measuring resistance to
compare through resistance R23, R22, R21, R20 and R19. R18 connects to RL, which is the negative input of
the voltage reference that is gotten by the standard resistance. J3 and J5 are mode switches. When doing
resistance measurement, J6 and J8 are close. C11 is the wave filter capacitance of measuring point in
resistance measurement.
Diode Test
15 TENM
11 ONEK
8 SMV
7 DT
6 SGND
FS9952
J8
J6
VD
Diode
COM
PTC
1.5k
R23
10M
R19
1k
R17
900k
R16
100k
R15
10k
Diagram 29 Diode Measurement
Diode test generates 1.5V voltage from internal IC and outputs it through R19, then adds it to the positive of
diode through PTC. The positive voltage reduction VD generated by diode is approx. 0.5V-0.7V. VD is divided
by R17 and R16 to be 1/10 VD, then is amplified 10 times by internal OP and is delivered to A/D before
displaying the VD value. J6 and J8 are mode switches. When doing diode measurement, J6 and J8 are close.
Rev. 1.2
29/34



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com