Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FS9952_LP2 Datasheet(PDF) 20 Page - Fortune Semiconductor Corp.

Part # FS9952_LP2
Description  2,000 counts auto range DMM IC
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FORTUNE [Fortune Semiconductor Corp.]
Direct Link  https://www.ic-fortune.com/eng/index.asp
Logo FORTUNE - Fortune Semiconductor Corp.

FS9952_LP2 Datasheet(HTML) 20 Page - Fortune Semiconductor Corp.

Back Button FS9952_LP2 Datasheet HTML 16Page - Fortune Semiconductor Corp. FS9952_LP2 Datasheet HTML 17Page - Fortune Semiconductor Corp. FS9952_LP2 Datasheet HTML 18Page - Fortune Semiconductor Corp. FS9952_LP2 Datasheet HTML 19Page - Fortune Semiconductor Corp. FS9952_LP2 Datasheet HTML 20Page - Fortune Semiconductor Corp. FS9952_LP2 Datasheet HTML 21Page - Fortune Semiconductor Corp. FS9952_LP2 Datasheet HTML 22Page - Fortune Semiconductor Corp. FS9952_LP2 Datasheet HTML 23Page - Fortune Semiconductor Corp. FS9952_LP2 Datasheet HTML 24Page - Fortune Semiconductor Corp. Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 34 page
background image
FS9952_LP2
Power System
R7
40k
R4
20k
R2
82k
VR2
10k
C4
10μF
C3
10μF
C1
10μF
C8
10μF
C2
10μF
C14
0.1μF
3V
BT1
57 REFI
58 REFO
39 VDDA
33 VB
38 VGG
36 CA
37 CB
31 VDD
30 AGND
29 VSS
FS9952
Diagram 7 Power System
The voltages of IC pins in the power system are shown as Diagram 8.
2*VDD
3.9V
1.2V
1.5V
FS9952
0.4V
1.5V
38 VGG
39 VDDA
58 REFO
57 REFI
31 VDD
29 VSS
30 AGND
Diagram 8 Voltage of Each Point in Power System
VB is the bias current input point in IC. The increase of R4 will reduce the current consumption in IC, but the
shortage of bias current will affect the input range of AC measurement.
AGND is the analog ground connection. Its potential is equal to the middle point of battery voltage. The
potential of the point is generated in the IC and cannot connect to the middle point of battery.
C4 and C5 are bypath capacitance, and also to make AGND regulated to VDD and VSS. C2 is the power pump
capacitance. IC makes VDD voltage pass C3 to charge/discharge so as to raise VGG to be about double
voltage of VDD.
VDDA is the output voltage after the regulation of VGG in the IC. It is about 3.9V that relative to VSS.
REFO is the bandgap power source in the IC. It is about 1.2V that relative to AGND and has 100ppm/℃
stability.
Rev. 1.2
20/34



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com