Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FS9952_LP2 Datasheet(PDF) 18 Page - Fortune Semiconductor Corp.

Part # FS9952_LP2
Description  2,000 counts auto range DMM IC
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FORTUNE [Fortune Semiconductor Corp.]
Direct Link  https://www.ic-fortune.com/eng/index.asp
Logo FORTUNE - Fortune Semiconductor Corp.

FS9952_LP2 Datasheet(HTML) 18 Page - Fortune Semiconductor Corp.

Back Button FS9952_LP2 Datasheet HTML 14Page - Fortune Semiconductor Corp. FS9952_LP2 Datasheet HTML 15Page - Fortune Semiconductor Corp. FS9952_LP2 Datasheet HTML 16Page - Fortune Semiconductor Corp. FS9952_LP2 Datasheet HTML 17Page - Fortune Semiconductor Corp. FS9952_LP2 Datasheet HTML 18Page - Fortune Semiconductor Corp. FS9952_LP2 Datasheet HTML 19Page - Fortune Semiconductor Corp. FS9952_LP2 Datasheet HTML 20Page - Fortune Semiconductor Corp. FS9952_LP2 Datasheet HTML 21Page - Fortune Semiconductor Corp. FS9952_LP2 Datasheet HTML 22Page - Fortune Semiconductor Corp. Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 34 page
background image
FS9952_LP2
15. Application Description
Common Use Circuitry
VDD
J9
Temp
J1
Temp
D1
1N914
D2
1N914
μA/mA
COM
20A
V/Ohm/Diode/Continuity
J6
J5
μA
J4
mA
J7
DCV
J2
hFE Input 400.0mV
S2
S3
S4
S5
S11
MAXH
S8
HOLD
S9
RANGE
S10
SELECT
S7
BLCTR
S12
3V
BT1
XTAL 4MHz
PTC
1.5k
C12
27nF
C13
27nF
Ohm
Continuity
Diode
C5
10nF
S1
RST
C14
0.1μF
R9
10k
Q1
S9013
BP
BEEPER
S6
R28 99
R29
100k
J3
Temp
R27
0.99
VR1
2k
R12
28.5k
R13
22k
R11
22k
R24
100k
R25
100k
R26
0.01
VR3
20k
R8 90k
R5
10k
C7
27nF
R7
40k
R4
20k
VR2
10k
R6
100k
R2 82k
R1
1M
F2
0.5A/250V
F1
20A/250V
R3
51
J8
Ohm
Diode
Q2
9013
D3
1N4004*2
D4
C10
0.47μF
C9
0.47μF
C6
4.7μF
C1
10μF
+
+
C3
C4
10μF
C8
10μF
ACV
LCD
BLOUT
SELECT1
17
SELECT
18
RANGE
19
HOLD
20
MEA4
21
MEA3
22
MEA2
23
MEA1
24
MEA0
25
BLCTR
26
BLOUT
27
BEEPER
28
VSS
29
AGND
30
VDD
31
TST
32
SEG3
49
SEG2
50
SEG1
51
COM1
52
COM2
53
COM3
54
COM4
55
RST
56
REFI
57
REFO
58
FTB
59
FTC
60
OP1N
61
OP1O
62
OP2P
63
OP2N
64
IC
FS9952
C15
0.1μF
D5
1N4148
VDD
VSS
VDD
VGG
VDDA
AGND
Battery Negative Terminal and IC Negative Power Input
IC Analog Power about 3.9V
Battery Positive Terminal and IC Positive Power Input
Analog Common about VDD/2
VDD Charge Pump voltage about 2*VDD
Diagram 6 Common Use Circuitry
Rev. 1.2
18/34



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com