Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FS9952_LP2 Datasheet(PDF) 19 Page - Fortune Semiconductor Corp.

Part # FS9952_LP2
Description  2,000 counts auto range DMM IC
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FORTUNE [Fortune Semiconductor Corp.]
Direct Link  https://www.ic-fortune.com/eng/index.asp
Logo FORTUNE - Fortune Semiconductor Corp.

FS9952_LP2 Datasheet(HTML) 19 Page - Fortune Semiconductor Corp.

Back Button FS9952_LP2 Datasheet HTML 15Page - Fortune Semiconductor Corp. FS9952_LP2 Datasheet HTML 16Page - Fortune Semiconductor Corp. FS9952_LP2 Datasheet HTML 17Page - Fortune Semiconductor Corp. FS9952_LP2 Datasheet HTML 18Page - Fortune Semiconductor Corp. FS9952_LP2 Datasheet HTML 19Page - Fortune Semiconductor Corp. FS9952_LP2 Datasheet HTML 20Page - Fortune Semiconductor Corp. FS9952_LP2 Datasheet HTML 21Page - Fortune Semiconductor Corp. FS9952_LP2 Datasheet HTML 22Page - Fortune Semiconductor Corp. FS9952_LP2 Datasheet HTML 23Page - Fortune Semiconductor Corp. Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 34 page
background image
FS9952_LP2
Rev. 1.2
19/34
Components List of Common Use Circuitry
No.
Spec.
No.
Spec.
No.
Spec.
No.
Spec.
No.
Spec.
R1
1MΩ
R13
22kΩ
R25
100kΩ
C7
27nF
D2
1N914
R2
82kΩ
R14
10kΩ
R26
0.01Ω
C8
10μF
VR1
2kΩ
R3
51Ω
R15
1kΩ
R27
0.99Ω
C9
0.47μF
VR2
10kΩ
R4
20kΩ
R16
100kΩ
R28
99Ω
C10
0.47μF
VR3
10kΩ
R5
10kΩ
R17
900kΩ
R29
100kΩ
C11
27nF
F1
Fuse 20A
R6
100kΩ
R18
100kΩ
PTC
1.5kΩ
C12
27nF
F2
Fuse 0.5A
R7
40kΩ
R19
1kΩ
C1
10μF
C13
27nF
LCD
LCD
R8
90kΩ
R20
10kΩ
C2
10μF
C14
0.1μF
XTAL
4MHz
R9
10kΩ
R21
101.01kΩ
C3
10μF
C15
0.1μF
IC
FS9952_LP2
R10
180Ω
R22
1.111MΩ
C4
10μF
Q1
9014
Battery
1.5V×2
R11
22kΩ
R23
10MΩ
C5
10nF
Q2
9013
BP
Buzzer
R12
28.5kΩ
R24
100kΩ
C6
4.7μF
D1
1N914
Note: The accuracy, power, pressure-proof and so on technical indications do not list in the Common Use Circuitry and
components table, it depends on the actual demand for users themselves in products design.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com