Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FS9952_LP2 Datasheet(PDF) 10 Page - Fortune Semiconductor Corp.

Part # FS9952_LP2
Description  2,000 counts auto range DMM IC
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FORTUNE [Fortune Semiconductor Corp.]
Direct Link  https://www.ic-fortune.com/eng/index.asp
Logo FORTUNE - Fortune Semiconductor Corp.

FS9952_LP2 Datasheet(HTML) 10 Page - Fortune Semiconductor Corp.

Back Button FS9952_LP2 Datasheet HTML 6Page - Fortune Semiconductor Corp. FS9952_LP2 Datasheet HTML 7Page - Fortune Semiconductor Corp. FS9952_LP2 Datasheet HTML 8Page - Fortune Semiconductor Corp. FS9952_LP2 Datasheet HTML 9Page - Fortune Semiconductor Corp. FS9952_LP2 Datasheet HTML 10Page - Fortune Semiconductor Corp. FS9952_LP2 Datasheet HTML 11Page - Fortune Semiconductor Corp. FS9952_LP2 Datasheet HTML 12Page - Fortune Semiconductor Corp. FS9952_LP2 Datasheet HTML 13Page - Fortune Semiconductor Corp. FS9952_LP2 Datasheet HTML 14Page - Fortune Semiconductor Corp. Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 34 page
background image
FS9952_LP2
52~55
COM1~ COM4
O
Backplane 1~ Backplane 4
56
RST
I
CPU Reset
57
REFI
I
ADC Based Power Input
58
REFO
O
Bandgap Output
59
FTB
I
ADC Wave Pre-Filter Positive Input
60
FTC
I/O
The Negative Terminal of ADC Wave Pre-Filter
61
OP1N
I
AC Signal Buffer Operation Amplifier Input
62
OP1O
O
AC Signal Buffer Operation Amplifier Output
63
OP2P
I
AC Signal Buffer Operation Amplifier Input
64
OP2N
I
DC/AC Converter Operation Amplifier Positive Input
9. Dice Pad Layout & Pad Coordinate
Substrate should be connected to VSS
Pad opening:72µm 。
Chip size: 2.344mm×2.594mm。
Diagram 3 64-PIN Dice
Rev. 1.2
10/34



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com