Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TP2111 Datasheet(PDF) 6 Page - 3PEAK INC.

Part # TP2111
Description  Nanopower 300nA, 1.8V, Rail-to-Rail Input/Output Op-amps
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  3PEAK [3PEAK INC.]
Direct Link  http://www.3peakic.com/
Logo 3PEAK - 3PEAK INC.

TP2111 Datasheet(HTML) 6 Page - 3PEAK INC.

Back Button TP2111 Datasheet HTML 2Page - 3PEAK INC. TP2111 Datasheet HTML 3Page - 3PEAK INC. TP2111 Datasheet HTML 4Page - 3PEAK INC. TP2111 Datasheet HTML 5Page - 3PEAK INC. TP2111 Datasheet HTML 6Page - 3PEAK INC. TP2111 Datasheet HTML 7Page - 3PEAK INC. TP2111 Datasheet HTML 8Page - 3PEAK INC. TP2111 Datasheet HTML 9Page - 3PEAK INC. TP2111 Datasheet HTML 10Page - 3PEAK INC. Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 18 page
background image
6
TP2111/TP2111N/TP2112/TP2114
Nanopower 300nA, 1.8V, Rail-to-Rail Input/Output Op-amps
REV1.0
www.3peakic.com
Typical Performance Characteristics
Over-Shoot Voltage, CLOAD = 40nF, Gain = +1, RFB=100kΩ
2.4
2.45
2.5
2.55
2.6
2
4
6
8
10
2ms/div
Gain=+1
V
IN Step=100mV
C
LOAD=40nF
Over-Shoot % vs. CLOAD, Gain = +1, RFB = 1MΩ
0%
10%
20%
30%
40%
50%
60%
1E+1
1E+2
1E+3
1E+4
1E+5
1E+6
1E+7
Load Capacitance (pF)
Gain=+1
V
IN Step=200mV
Overshoot
Undershoot
Over-Shoot Voltage, CLOAD=40nF, Gain= -1, RFB=100kΩ
2.4
2.45
2.5
2.55
2.6
6
8
10
12
14
2ms/div
Gain=-1
V
IN Step=100mV
C
LOAD=40nF
Over-Shoot % vs. CLOAD, Gain = -1, RFB = 1MΩ
0%
10%
20%
30%
40%
50%
60%
1E+0
1E+2
1E+4
1E+6
Load Capacitance (pF)
Gain=-1
V
IN Step=200mV
Overshoot
Undershoot
Power-Supply Rejection Ratio
0
20
40
60
80
1E-3
1E-2
1E-1
1E+0
1E+1
1E+2
1E+3
1E+4
1E+5
Frequency (Hz)
PSRRN
PSRRP
VIN = -0.2V to 5.7V, No Phase Reversal
-1.0
0.0
1.0
2.0
3.0
4.0
5.0
6.0
0
10
20
30
40
50
60
TIME (ms)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com