Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TP2111 Datasheet(PDF) 14 Page - 3PEAK INC.

Part # TP2111
Description  Nanopower 300nA, 1.8V, Rail-to-Rail Input/Output Op-amps
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  3PEAK [3PEAK INC.]
Direct Link  http://www.3peakic.com/
Logo 3PEAK - 3PEAK INC.

TP2111 Datasheet(HTML) 14 Page - 3PEAK INC.

Back Button TP2111 Datasheet HTML 10Page - 3PEAK INC. TP2111 Datasheet HTML 11Page - 3PEAK INC. TP2111 Datasheet HTML 12Page - 3PEAK INC. TP2111 Datasheet HTML 13Page - 3PEAK INC. TP2111 Datasheet HTML 14Page - 3PEAK INC. TP2111 Datasheet HTML 15Page - 3PEAK INC. TP2111 Datasheet HTML 16Page - 3PEAK INC. TP2111 Datasheet HTML 17Page - 3PEAK INC. TP2111 Datasheet HTML 18Page - 3PEAK INC.  
Zoom Inzoom in Zoom Outzoom out
 14 / 18 page
background image
14
TP2111/TP2111N/TP2112/TP2114
Nanopower 300nA, 1.8V, Rail-to-Rail Input/Output Op-amps
REV1.0
www.3peakic.com
D
e
A2
A1
E
E1
e1
b
L1
C
θ
Package Outline Dimensions
SC-70-5 (SOT353)
Symbol
Dimensions
In Millimeters
Dimensions In
Inches
Min
Max
Min
Max
A1
0.000
0.100
0.000
0.004
A2
0.900
1.000
0.035
0.039
b
0.150
0.350
0.006
0.014
C
0.080
0.150
0.003
0.006
D
2.000
2.200
0.079
0.087
E
1.150
1.350
0.045
0.053
E1
2.150
2.450
0.085
0.096
e
0.650TYP
0.026TYP
e1
1.200
1.400
0.047
0.055
L1
0.260
0.460
0.010
0.018
θ
0°
8°
0°
8°



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com