Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TP2111 Datasheet(PDF) 2 Page - 3PEAK INC.

Part # TP2111
Description  Nanopower 300nA, 1.8V, Rail-to-Rail Input/Output Op-amps
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  3PEAK [3PEAK INC.]
Direct Link  http://www.3peakic.com/
Logo 3PEAK - 3PEAK INC.

TP2111 Datasheet(HTML) 2 Page - 3PEAK INC.

  TP2111 Datasheet HTML 1Page - 3PEAK INC. TP2111 Datasheet HTML 2Page - 3PEAK INC. TP2111 Datasheet HTML 3Page - 3PEAK INC. TP2111 Datasheet HTML 4Page - 3PEAK INC. TP2111 Datasheet HTML 5Page - 3PEAK INC. TP2111 Datasheet HTML 6Page - 3PEAK INC. TP2111 Datasheet HTML 7Page - 3PEAK INC. TP2111 Datasheet HTML 8Page - 3PEAK INC. TP2111 Datasheet HTML 9Page - 3PEAK INC. Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 18 page
background image
2
TP2111/TP2111N/TP2112/TP2114
Nanopower 300nA, 1.8V, Rail-to-Rail Input/Output Op-amps
REV1.0
www.3peakic.com
Pin Configuration (Top View)
8
6
5
7
3
2
1
4
NC
﹣Vs
﹢In
﹣In
﹢Vs
Out
NC
NC
TP2111
8-Pin SOIC
(-S Suffix)
8
6
5
7
3
2
1
4
NC
﹢In
﹣In
Out
NC
SHDN
TP2111N
8-Pin MSOP/SOIC
(-V and -S Suffixes)
﹣Vs
﹢Vs
TP2111
5-Pin SOT23/SC70
(-T and -C Suffixes)
4
5
3
2
1
Out
+In
-In
﹣Vs
﹢Vs
TP2111N
6-Pin SOT23
(-T Suffix)
5
4
6
3
2
1
Out
+In
-In
SHDN
﹣Vs
﹢Vs
TP2112
8-Pin SOIC/MSOP
(-S and -V Suffixes)
8
6
5
7
3
2
1
4
Out A
﹢In A
﹣In A
﹢In B
﹣In B
Out B
A
B
﹣Vs
﹢Vs
TP2114
14-Pin SOIC/TSSOP
(-S and -T Suffixes)
14
13
12
11
10
9
8
6
5
7
3
2
1
4
Out A
﹢In A
﹣In A
D
A
C
B
Out D
﹢In D
﹣In D
Out B
﹢In B
﹣In B
Out C
﹢In C
﹣In C
﹣Vs
﹢Vs
Order Information
Model Name
Order Number
Package
Transport Media, Quantity
Marking
Information
TP2111
TP2111-TR
5-Pin SOT23
Tape and Reel, 3,000
B1TYW
(1)
TP2111-CR
5-Pin SC70
Tape and Reel, 3,000
B1CYW
(1)
TP2111-SR
8-Pin SOIC
Tape and Reel, 4,000
2111S
TP2111N
TP2111N-TR
6-Pin SOT23
Tape and Reel, 3,000
B1NYW
(1)
TP2111N-VR
8-Pin MSOP
Tape and Reel, 3,000
2111N
TP2111N-SR
8-Pin SOIC
Tape and Reel, 4,000
2111NS
TP2112
TP2112-SR
8-Pin SOIC
Tape and Reel, 4,000
B12S
TP2112-VR
8-Pin MSOP
Tape and Reel, 3,000
B12V
TP2114
TP2114-SR
14-Pin SOIC
Tape and Reel, 2,500
B14S
TP2114-TR
14-Pin TSSOP
Tape and Reel, 3,000
B14T
Note (1): ‘YW’ is date coding scheme. 'Y' stands for calendar year, and 'W' stands for single workweek coding scheme.
Absolute Maximum Ratings Note 1
Supply Voltage: V
+ – V–....................................6.0V
Input Voltage............................. V
– – 0.3 to V+ + 0.3
Input Current: +IN,
–IN, SHDN Note 2.............. ±10mA
SHDN Pin Voltage
……………………………V
–
to V
+
Output Current: OUT.................................... ±20mA
Output Short-Circuit Duration Note 3
…......... Indefinite
Operating Temperature Range.......
–40°C to 125°C
Maximum Junction Temperature................... 150°C
Storage Temperature Range..........
–65°C to 150°C
Lead Temperature (Soldering, 10 sec) ......... 260°C
Note 1: Stresses beyond those listed under Absolute Maximum Ratings may cause permanent damage to the device. Exposure to any Absolute Maximum
Rating condition for extended periods may affect device reliability and lifetime.
Note 2: The inputs are protected by ESD protection diodes to each power supply. If the input extends more than 500mV beyond the power supply, the input
current should be limited to less than 10mA.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com