Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TP2111 Datasheet(PDF) 8 Page - 3PEAK INC.

Part # TP2111
Description  Nanopower 300nA, 1.8V, Rail-to-Rail Input/Output Op-amps
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  3PEAK [3PEAK INC.]
Direct Link  http://www.3peakic.com/
Logo 3PEAK - 3PEAK INC.

TP2111 Datasheet(HTML) 8 Page - 3PEAK INC.

Back Button TP2111 Datasheet HTML 4Page - 3PEAK INC. TP2111 Datasheet HTML 5Page - 3PEAK INC. TP2111 Datasheet HTML 6Page - 3PEAK INC. TP2111 Datasheet HTML 7Page - 3PEAK INC. TP2111 Datasheet HTML 8Page - 3PEAK INC. TP2111 Datasheet HTML 9Page - 3PEAK INC. TP2111 Datasheet HTML 10Page - 3PEAK INC. TP2111 Datasheet HTML 11Page - 3PEAK INC. TP2111 Datasheet HTML 12Page - 3PEAK INC. Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 18 page
background image
8
TP2111/TP2111N/TP2112/TP2114
Nanopower 300nA, 1.8V, Rail-to-Rail Input/Output Op-amps
REV1.0
www.3peakic.com
Typical Performance Characteristics
Closed-Loop Output Impedance vs. Frequency
1
10
100
1k
10k
100k
1
10
100
1k
10k
FREQUENCY (Hz)
0.1Hz to 10Hz Time Domain Output Voltage Noise
-10
-8
-6
-4
-2
0
2
4
6
8
10
-6
-4
-2
0
2
4
6
TIME(Seconds)
Pin Functions
–IN: Inverting Input of the Amplifier. Voltage range of
this pin can go from V
– – 0.3V to V+ + 0.3V.
+IN: Non-Inverting Input of Amplifier. This pin has the
same voltage range as
–IN.
V+ or +VS: Positive Power Supply. Typically the voltage
is from 1.8V to 5.5V. Split supplies are possible as long
as the voltage between V+ and V
– is between 1.8V and
5.5V. A
bypass capacitor of 0.1μF as close to the part as
possible should be used between power supply pins or
between supply pins and ground.
N/C: No Connection.
V
–
or
–
VS: Negative Power Supply. It is normally
tied to ground. It can also be tied to a voltage other
than ground as long as the voltage between V
+ and
V
–
is from 1.8V to 5.5V. If it is not connected to
ground, bypass it with a capacitor
of 0.1μF as close
to the part as possible.
SHDN: Active Low Shutdown. Shutdown threshold
is 1.0V above negative supply rail. If unconnected,
the amplifier is automatically enabled.
OUT: Amplifier Output. The voltage range extends
to within milli-volts of each supply rail.
Operation
The TP211x family input signal range extends beyond
the negative and positive power supplies. The output
can even extend all the way to the negative supply. The
input stage is comprised of two CMOS differential
amplifiers, a PMOS stage and NMOS stage that are
active over different ranges of common mode input
voltage. The Class-AB control buffer and output bias
stage uses a proprietary compensation technique to
take full advantage of the process technology to drive
very high capacitive loads. This is evident from the
transient over shoot measurement plots in the Typical
Performance Characteristics.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com