Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TP2111 Datasheet(PDF) 1 Page - 3PEAK INC.

Part # TP2111
Description  Nanopower 300nA, 1.8V, Rail-to-Rail Input/Output Op-amps
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  3PEAK [3PEAK INC.]
Direct Link  http://www.3peakic.com/
Logo 3PEAK - 3PEAK INC.

TP2111 Datasheet(HTML) 1 Page - 3PEAK INC.

  TP2111 Datasheet HTML 1Page - 3PEAK INC. TP2111 Datasheet HTML 2Page - 3PEAK INC. TP2111 Datasheet HTML 3Page - 3PEAK INC. TP2111 Datasheet HTML 4Page - 3PEAK INC. TP2111 Datasheet HTML 5Page - 3PEAK INC. TP2111 Datasheet HTML 6Page - 3PEAK INC. TP2111 Datasheet HTML 7Page - 3PEAK INC. TP2111 Datasheet HTML 8Page - 3PEAK INC. TP2111 Datasheet HTML 9Page - 3PEAK INC. Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 18 page
background image
3PEAK
1
TP2111/TP2111N/TP2112/TP2114
Nanopower 300nA, 1.8V, Rail-to-Rail Input/Output Op-amps
www.3peakic.com
REV1.0
Features
Ultra-low Supply Current:
300nA Typical / 500nA Maximum per Amplifier
Stable 10 kHz GBWP with 6 m
V/μs Slew Rate
Offset Voltage: 1.5 mV Maximum
Ultra-low VOS TC: 0.4 μV/°C
Ultra-low Input Bias Current: 0.1 fA Typical
Unity Gain Stable for 1,000 nF Capacitive Load
High 120 dB Open-Loop Voltage Gain
Ground-Sensing Input Common-Mode Range
Outputs Swing Rail-to-Rail
Outputs Source and Sink 20 mA of Load Current
No Phase Reversal for Overdriven Inputs
Ultra-low Single-Supply Operation Down to +1.8V
Shutdown Current: 3 nA Typical (TP2111N)
–40°C to 125°C Operation Range
Robust 8 kV
– HBM and 2 kV – CDM ESD Rating
Green, Popular Type Package
Applications
Current Sensing
Threshold Detectors/Discriminators
Low Power Filters
Handsets and Mobile Accessories
Wireless Remote Sensors, Active RFID Readers
Gas/Oxygen/Environment Sensors
Battery or Solar Powered Devices
Sensor Network Powered by Energy Scavenging
Description
The TP211x are ultra-low power, precision CMOS
op-amps that provide a constant 10kHz bandwidth
and 10mV/
μs slew rate with only 300nA quiescent
current per amplifier. The ground-sensing input
common-mode range, guaranteed 1.5mV VOS and
ultra-low 0.4
μV/°C V
OS TC enables accurate and
stable measurement for both high side and low side
current sensing.
The TP211x have carefully designed CMOS input
stage that outperforms competitors with typically
0.1fA IB. This ultra-low input current significantly
reduces IB and IOS errors introduced in giga-Ω
resistance, high impedance photodiode, and charge
sense situations. The TP211x are unity gain stable
with 1,000nF capacitive load. They can operate from
a single -supply voltage of +1.8V to +6.0V or a
dual-supply voltage of ±0.9V to ±3.0V, and features
ground-sensing inputs and rail-to-rail output.
The combined features make the TP211x ideally
suited for a variety of 2-cell NiCd/Alkaline battery or
single-Li+ battery powered portable applications.
Potential applications include low frequency signal
conditioning, mobile accessories, wireless remote
sensing, vibration monitors, ECGs, pulse monitors,
glucose meters, smoke and fire detectors, and
backup battery sensors.
For applications that require power-down, the
TP2111N has a low-power shutdown mode that
reduces supply current to 3nA typically, and forces
the output into a high-impedance state.
3PEAK and the 3PEAK logo are registered trademarks of
3PEAK INCORPORATED. All other trademarks are the property
of their respective owners.
VOUT
R3
R2
R1
1
3
2
(
1)
OUT
CC
R
V
I
R
R
 
LOAD
POWER IN
ICC
TP2111
Ultra-low Supply Current Op-amps:
Supply Current
0.3 μA
0.6 μA
4 μA
GBWP
10 kHz
18 kHz
150 kHz
Single
TP2111
TP2121
TP1511
With Shut-down
TP2111N
TP2121N
TP1511N
Dual
TP2112
TP2122
TP1512
Quad
TP2114
TP2124
TP1514
TP2111 in Low Side Battery Current Sensor


Similar Part No. - TP2111

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
TP211 ETC1-TP211 Datasheet
62Kb / 2P
1.5 WATT and DUAL OUTPUT DC-DC CONVERTERS
More results

Similar Description - TP2111

ManufacturerPart #DatasheetDescription
logo
Elantec Semiconductor
EL5210C ELANTEC-EL5210C Datasheet
329Kb / 14P
30MHz Rail-to-Rail Input-Output Op Amps
EL5220C ELANTEC-EL5220C Datasheet
275Kb / 13P
12MHz Rail-to-Rail Input-Output Op Amps
logo
Intersil Corporation
EL5210 INTERSIL-EL5210 Datasheet
216Kb / 13P
30MHz Rail-to-Rail Input-Output Op Amps
May 6, 2005
EL5111 INTERSIL-EL5111_07 Datasheet
493Kb / 18P
60MHz Rail-to-Rail Input-Output Op Amps
January 10, 2007
EL5210 INTERSIL-EL5210_07 Datasheet
302Kb / 16P
30MHz Rail-to-Rail Input-Output Op Amps
July 5, 2007
EL5111_0705 INTERSIL-EL5111_0705 Datasheet
494Kb / 18P
60MHz Rail-to-Rail Input-Output Op Amps
May 7, 2007
EL5120IWT-T7 INTERSIL-EL5120IWT-T7 Datasheet
494Kb / 21P
12MHz Rail-to-Rail Input-Output Op Amps
October 15, 2015
logo
Renesas Technology Corp
EL5111 RENESAS-EL5111 Datasheet
857Kb / 19P
60MHz Rail-to-Rail Input-Output Op Amps
EL5120 RENESAS-EL5120 Datasheet
938Kb / 21P
12MHz Rail-to-Rail Input-Output Op Amps
logo
3PEAK INC.
TP2121 3PEAK-TP2121 Datasheet
606Kb / 18P
1.8V, 600nA Nanopower, Rail-to-Rail Input/Output Op-amps
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com