Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SM1691OSCS Datasheet(PDF) 3 Page - Sinopower Semiconductor Inc

Part # SM1691OSCS
Description  Single N-Channel Enhancement Mode MOSFET with Schottky Diode
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SINOPWER [Sinopower Semiconductor Inc]
Direct Link  http://www.sinopowersemi.com/Form2/index.aspx
Logo SINOPWER - Sinopower Semiconductor Inc

SM1691OSCS Datasheet(HTML) 3 Page - Sinopower Semiconductor Inc

  SM1691OSCS Datasheet HTML 1Page - Sinopower Semiconductor Inc SM1691OSCS Datasheet HTML 2Page - Sinopower Semiconductor Inc SM1691OSCS Datasheet HTML 3Page - Sinopower Semiconductor Inc SM1691OSCS Datasheet HTML 4Page - Sinopower Semiconductor Inc SM1691OSCS Datasheet HTML 5Page - Sinopower Semiconductor Inc SM1691OSCS Datasheet HTML 6Page - Sinopower Semiconductor Inc SM1691OSCS Datasheet HTML 7Page - Sinopower Semiconductor Inc SM1691OSCS Datasheet HTML 8Page - Sinopower Semiconductor Inc SM1691OSCS Datasheet HTML 9Page - Sinopower Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 12 page
background image
www.sinopowersemi.com
3
SM1691OSCS
®
Copyright ã Sinopower Semiconductor, Inc.
Rev. A.3 - May, 2018
Symbol
Parameter
Test Conditions
Min.
Typ.
Max.
Unit
Static Characteristics
BVDSS
Drain-Source Breakdown Voltage
VGS=0V, IDS=250mA
60
-
-
V
IDSS
Zero Gate Voltage Drain Current
VDS=48V, VGS=0V
-
-
1
mA
TJ=85°C
-
-
30
VGS(th)
Gate Threshold Voltage
VDS=VGS, IDS=250mA
1
2
2.5
V
IGSS
Gate Leakage Current
VGS=±20V, VDS=0V
-
-
±10
mA
RDS(ON)
d
Drain-Source On-state Resistance
VGS=10V, IDS=100mA
-
1.8
2.2
W
VGS=4.5V, IDS=50mA
-
2
2.6
W
Diode Characteristics
VSD
c
Diode Forward Voltage
ISD=100mA, VGS=0V
-
0.8
1.3
V
trr
Reverse Recovery Time
ISD=1A, dlSD/dt=100A/ms
-
13
-
ns
Qrr
Reverse Recovery Charge
-
8
-
nC
Dynamic Characteristics
c
Ciss
Input Capacitance
VGS=0V,
VDS=30V,
Frequency=1.0MHz
-
24
32
pF
Coss
Output Capacitance
-
5.5
-
Crss
Reverse Transfer Capacitance
-
2.5
-
td(ON)
Turn-on Delay Time
VDD=30V, RL=300W,
IDS=0.1A, VGEN=10V,
RG=6W
-
3
6
ns
tr
Turn-on Rise Time
-
7
13
td(OFF)
Turn-off Delay Time
-
10
18
tf
Turn-off Fall Time
-
12
22
Gate Charge Characteristics
d
Qg
Total Gate Charge
VDS=30V, VGS=10V,
IDS=1A
-
1.6
2.3
nC
Qgs
Gate-Source Charge
-
0.6
-
Qgd
Gate-Drain Charge
-
0.1
-
Electrical Characteristics (T
A = 25°C unless otherwise noted)
·
Channel 1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com