Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SM1691OSCS Datasheet(PDF) 2 Page - Sinopower Semiconductor Inc

Part # SM1691OSCS
Description  Single N-Channel Enhancement Mode MOSFET with Schottky Diode
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SINOPWER [Sinopower Semiconductor Inc]
Direct Link  http://www.sinopowersemi.com/Form2/index.aspx
Logo SINOPWER - Sinopower Semiconductor Inc

SM1691OSCS Datasheet(HTML) 2 Page - Sinopower Semiconductor Inc

  SM1691OSCS Datasheet HTML 1Page - Sinopower Semiconductor Inc SM1691OSCS Datasheet HTML 2Page - Sinopower Semiconductor Inc SM1691OSCS Datasheet HTML 3Page - Sinopower Semiconductor Inc SM1691OSCS Datasheet HTML 4Page - Sinopower Semiconductor Inc SM1691OSCS Datasheet HTML 5Page - Sinopower Semiconductor Inc SM1691OSCS Datasheet HTML 6Page - Sinopower Semiconductor Inc SM1691OSCS Datasheet HTML 7Page - Sinopower Semiconductor Inc SM1691OSCS Datasheet HTML 8Page - Sinopower Semiconductor Inc SM1691OSCS Datasheet HTML 9Page - Sinopower Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
www.sinopowersemi.com
2
SM1691OSCS
®
Copyright ã Sinopower Semiconductor, Inc.
Rev. A.3 - May, 2018
Absolute Maximum Ratings (T
A = 25°C unless otherwise noted)
Symbol
Parameter
Rating
Unit
Common Ratings
VDSS
Drain-Source Voltage
60
V
VGSS
Gate-Source Voltage
±20
TJ
Maximum Junction Temperature
150
°C
TSTG
Storage Temperature Range
-55 to 150
IS
Diode Continuous Forward Current
TA=25°C
0.1
A
ID
Continuous Drain Current
TA=25°C
0.26
A
TA=70°C
0.21
IDM
a
Pulsed Drain Current
TA=25°C
1
A
PD
Maximum Power Dissipation
TA=25°C
0.25
W
TA=70°C
0.16
RqJA
b
Thermal Resistance-Junction to Ambient
Steady State
500
°C/W
·
Channel 1
Symbol
Parameter
Rating
Unit
Common Ratings
VRRM
Peak Repetitive Reverse Voltage
40
V
VRWM
Working Peak Reverse Voltage
40
VR
DC Reverse Voltage
40
V
VRMS
RMS Reverse Voltage
28
V
IS
Diode Continuous Forward Current
TA=25°C
0.35
A
ISM
a
Non-Repetitive Peak Forward Current
TA=25°C
1.5
A
PD
Maximum Power Dissipation
TA=25°C
0.25
W
TA=70°C
0.16
RqJA
b
Thermal Resistance-Junction to Ambient
500
°C/W
Note a:Pulse width limited by max. junction temperature.
Note b:Surface Mounted on 1in2 pad area.
·
Channel 2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com