Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SM1691OSCS Datasheet(PDF) 4 Page - Sinopower Semiconductor Inc

Part # SM1691OSCS
Description  Single N-Channel Enhancement Mode MOSFET with Schottky Diode
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SINOPWER [Sinopower Semiconductor Inc]
Direct Link  http://www.sinopowersemi.com/Form2/index.aspx
Logo SINOPWER - Sinopower Semiconductor Inc

SM1691OSCS Datasheet(HTML) 4 Page - Sinopower Semiconductor Inc

  SM1691OSCS Datasheet HTML 1Page - Sinopower Semiconductor Inc SM1691OSCS Datasheet HTML 2Page - Sinopower Semiconductor Inc SM1691OSCS Datasheet HTML 3Page - Sinopower Semiconductor Inc SM1691OSCS Datasheet HTML 4Page - Sinopower Semiconductor Inc SM1691OSCS Datasheet HTML 5Page - Sinopower Semiconductor Inc SM1691OSCS Datasheet HTML 6Page - Sinopower Semiconductor Inc SM1691OSCS Datasheet HTML 7Page - Sinopower Semiconductor Inc SM1691OSCS Datasheet HTML 8Page - Sinopower Semiconductor Inc SM1691OSCS Datasheet HTML 9Page - Sinopower Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 12 page
background image
www.sinopowersemi.com
4
SM1691OSCS
®
Copyright ã Sinopower Semiconductor, Inc.
Rev. A.3 - May, 2018
Symbol
Parameter
Test Conditions
Min.
Typ.
Max.
Unit
Diode Characteristics
VBR
Reverse Breakdown Voltage
IBR=250μA
40
-
-
V
VF
c
Diode Forward Voltage
IF=0.02A
-
-
0.4
V
IF=0.2A
-
-
0.6
V
IR
Reverse Current
VBR=32V
-
-
5
μA
CT
Total Capacitance
VBR=20V,
Frequency=1.0MHz
-
4.6
-
pF
trr
Reverse Recovery Time
IF=1A, dlF/dt=100A/ms,
VBR=25V
-
4.1
-
ns
Qrr
Reverse Recovery Charge
-
1
-
nC
Note c:Pulse test ; pulse width
£300
ms, duty cycle£2%.
Note d:Guaranteed by design, not subject to production testing.
Electrical Characteristics (Cont.)
·
Channel 2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com