Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SM1691OSCS Datasheet(PDF) 5 Page - Sinopower Semiconductor Inc

Part # SM1691OSCS
Description  Single N-Channel Enhancement Mode MOSFET with Schottky Diode
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SINOPWER [Sinopower Semiconductor Inc]
Direct Link  http://www.sinopowersemi.com/Form2/index.aspx
Logo SINOPWER - Sinopower Semiconductor Inc

SM1691OSCS Datasheet(HTML) 5 Page - Sinopower Semiconductor Inc

  SM1691OSCS Datasheet HTML 1Page - Sinopower Semiconductor Inc SM1691OSCS Datasheet HTML 2Page - Sinopower Semiconductor Inc SM1691OSCS Datasheet HTML 3Page - Sinopower Semiconductor Inc SM1691OSCS Datasheet HTML 4Page - Sinopower Semiconductor Inc SM1691OSCS Datasheet HTML 5Page - Sinopower Semiconductor Inc SM1691OSCS Datasheet HTML 6Page - Sinopower Semiconductor Inc SM1691OSCS Datasheet HTML 7Page - Sinopower Semiconductor Inc SM1691OSCS Datasheet HTML 8Page - Sinopower Semiconductor Inc SM1691OSCS Datasheet HTML 9Page - Sinopower Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 12 page
background image
www.sinopowersemi.com
5
SM1691OSCS
®
Copyright ã Sinopower Semiconductor, Inc.
Rev. A.3 - May, 2018
Channel 1 Typical Operating Characteristics
Drain Current
Tj - Junction Temperature (°C)
Safe Operation Area
VDS - Drain - Source Voltage (V)
Thermal Transient Impedance
Square Wave Pulse Duration (sec)
Power Dissipation
Tj - Junction Temperature (°C)
0
20
40
60
80 100 120 140 160
0.00
0.05
0.10
0.15
0.20
0.25
0.30
T
A=25
oC
0
20
40
60
80 100 120 140 160
0.00
0.05
0.10
0.15
0.20
0.25
0.30
T
A=25
oC,V
G=10V
1E-4 1E-3 0.01 0.1
1
10
100 600
0.01
0.1
1
2
Mounted on 1in
2 pad
R
qJA : 500
oC/W
0.01
0.02
0.05
0.1
0.2
Single Pulse
Duty = 0.5
0.1
1
10
100 300
1E-3
0.01
0.1
1
3
1s
DC
300ms
1ms
Rds(o
n)
Lim
it
T
A=25
OC
10ms
100ms



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com