Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SM1691OSCS Datasheet(PDF) 1 Page - Sinopower Semiconductor Inc

Part # SM1691OSCS
Description  Single N-Channel Enhancement Mode MOSFET with Schottky Diode
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SINOPWER [Sinopower Semiconductor Inc]
Direct Link  http://www.sinopowersemi.com/Form2/index.aspx
Logo SINOPWER - Sinopower Semiconductor Inc

SM1691OSCS Datasheet(HTML) 1 Page - Sinopower Semiconductor Inc

  SM1691OSCS Datasheet HTML 1Page - Sinopower Semiconductor Inc SM1691OSCS Datasheet HTML 2Page - Sinopower Semiconductor Inc SM1691OSCS Datasheet HTML 3Page - Sinopower Semiconductor Inc SM1691OSCS Datasheet HTML 4Page - Sinopower Semiconductor Inc SM1691OSCS Datasheet HTML 5Page - Sinopower Semiconductor Inc SM1691OSCS Datasheet HTML 6Page - Sinopower Semiconductor Inc SM1691OSCS Datasheet HTML 7Page - Sinopower Semiconductor Inc SM1691OSCS Datasheet HTML 8Page - Sinopower Semiconductor Inc SM1691OSCS Datasheet HTML 9Page - Sinopower Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
www.sinopowersemi.com
1
SM1691OSCS
®
SINOPOWER reserves the right to make changes to improve reliability or manufacturability without notice, and
advise customers to obtain the latest version of relevant information to verify before placing orders.
Copyright ã Sinopower Semiconductor, Inc.
Rev. A.3 - May, 2018
Single N-Channel Enhancement Mode MOSFET
with Schottky Diode
Features
Applications
Pin Description
Ordering and Marking Information
N-MOSFET Schottky Diode
·
Channel 1 (NMOS)
60V/0.26A,
R
DS(ON)= 2.2W(max.) @ VGS=10V
R
DS(ON)= 2.6W(max.) @ VGS=4.5V
·
Channel 2 (Schottky Diode)
40V/0.35A,
V
f= 0.4V(max.) @ IF=0.02A
V
f= 0.6V(max.) @ IF=0.2A
·
Reliable and Rugged
· Lead Free and Green Devices Available
(RoHS Compliant)
·
NMos With Gate ESD Protection
·
Moisture Sensitivity Level MSL1
(per JEDEC J-STD-020D)
Note : SINOPOWER lead-free products contain molding compounds/die attach materials and 100% matte tin plate
termination finish; which are fully compliant with RoHS. SINOPOWER lead-free products meet or exceed the lead-
free requirements of IPC/JEDEC J-STD-020D for MSL classification at lead-free peak reflow temperature. SINOPOWER
defines “Green” to mean lead-free (RoHS compliant) and halogen free (Br or Cl does not exceed 900ppm by weight
in homogeneous material and total of Br and Cl does not exceed 1500ppm by weight).
(1)
G1
(2)S1
(6)D1
Top View of SOT-363
G1
S1
D2
S2
NC
D1
(4)S2
(3)D2
SM1691OS
Handling Code
Temperature Range
Package Code
Package Code
CS : SOT-363
Operating Junction Temperature Range
C : -55 to 150 oC
Handling Code
TR : Tape & Reel
Assembly Material
G : Halogen and Lead Free Device
SM1691OS CS :
Assembly Material
M91X
X - Lot Code
· Load switch.
· High-speed line driver.
· Switching circuits.


Similar Part No. - SM1691OSCS

ManufacturerPart #DatasheetDescription
logo
MIC GROUP RECTIFIERS
SM16 MIC-SM16 Datasheet
67Kb / 4P
SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
logo
Rectron Semiconductor
SM160 RECTRON-SM160 Datasheet
25Kb / 2P
SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER (VOLTAGE RANGE 20 to 60 Volts CURRENT 1.0 Ampere)
logo
Bytes
SM160 BYTES-SM160 Datasheet
148Kb / 2P
1.0 AMP SURFACE MOUNT SCHOTTKY BARRIER RECTIFIERS
logo
Dc Components
SM160 DCCOM-SM160 Datasheet
415Kb / 2P
TECHNICAL SPECIFICATIONS OF SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
logo
Formosa MS
SM160 FORMOSA-SM160 Datasheet
66Kb / 2P
Silicon epitaxial planer type
More results

Similar Description - SM1691OSCS

ManufacturerPart #DatasheetDescription
logo
Anpec Electronics Corop...
APM2800B ANPEC-APM2800B Datasheet
224Kb / 11P
N-Channel Enhancement Mode MOSFET with Schottky Diode
logo
Diodes Incorporated
DMG4712SSS DIODES-DMG4712SSS Datasheet
159Kb / 6P
N-CHANNEL ENHANCEMENT MODE MOSFET WITH SCHOTTKY DIODE
DS32040 Rev. 5 - 2
DMS3014SSS DIODES-DMS3014SSS Datasheet
163Kb / 6P
N-CHANNEL ENHANCEMENT MODE MOSFET WITH SCHOTTKY DIODE
DS32265 Rev. 3 - 2
DMS3015SSS DIODES-DMS3015SSS Datasheet
157Kb / 6P
N-CHANNEL ENHANCEMENT MODE MOSFET WITH SCHOTTKY DIODE
DS32096 Rev. 4 - 2
DMS3016SSS DIODES-DMS3016SSS Datasheet
167Kb / 6P
N-CHANNEL ENHANCEMENT MODE MOSFET WITH SCHOTTKY DIODE
DS32266 Rev. 3 - 2
DMG4812SSS DIODES-DMG4812SSS Datasheet
160Kb / 6P
N-CHANNEL ENHANCEMENT MODE MOSFET WITH SCHOTTKY DIODE
DS35071 Rev. 2 - 2
DMG4710SSS DIODES-DMG4710SSS Datasheet
175Kb / 6P
N-CHANNEL ENHANCEMENT MODE MOSFET WITH SCHOTTKY DIODE
DS32055 Rev. 6 - 2
DMG7702SFG DIODES-DMG7702SFG Datasheet
185Kb / 8P
30V N-CHANNEL ENHANCEMENT MODE MOSFET WITH SCHOTTKY DIODE
Rev 6
DMS3016SFG DIODES-DMS3016SFG_15 Datasheet
218Kb / 7P
N-CHANNEL ENHANCEMENT MODE MOSFET WITH SCHOTTKY DIODE POWERDI짰
Rev 7
DMS3016SSSA DIODES-DMS3016SSSA_15 Datasheet
163Kb / 6P
N-CHANNEL ENHANCEMENT MODE MOSFET WITH SCHOTTKY DIODE
Rev 1
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com