Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EM8800AG Datasheet(PDF) 2 Page - Excelliance MOS Corp.

Part # EM8800AG
Description  Constant Off Time, Current-Mode Controller for LED Applications
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EXCELLIANCE [Excelliance MOS Corp.]
Direct Link  http://www.excelliancemos.com/
Logo EXCELLIANCE - Excelliance MOS Corp.

EM8800AG Datasheet(HTML) 2 Page - Excelliance MOS Corp.

  EM8800AG Datasheet HTML 1Page - Excelliance MOS Corp. EM8800AG Datasheet HTML 2Page - Excelliance MOS Corp. EM8800AG Datasheet HTML 3Page - Excelliance MOS Corp. EM8800AG Datasheet HTML 4Page - Excelliance MOS Corp. EM8800AG Datasheet HTML 5Page - Excelliance MOS Corp. EM8800AG Datasheet HTML 6Page - Excelliance MOS Corp. EM8800AG Datasheet HTML 7Page - Excelliance MOS Corp. EM8800AG Datasheet HTML 8Page - Excelliance MOS Corp.  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
2011/09/06
Rev.A.3
2
EM8800A
Pin Assignment
Pin Name
Pin No.
Pin Function
TOFF
1
OFF Time Setting. A resistor to ground to set off time. Pulling this pin to ground will disable
the device.
PWMD
2
PWM Dimming. This pin is used for PWM dimming. When the voltage applied to this pin is
low, switching is inhibited. When the voltage applied to this pin is high, switching restarts.
VCC
3
Supply Voltage. This pin provides the bias supply for the EM8800A. The supply voltage is
internally regulated to 5VDD for internal control circuit. Connect a well-decoupled supply
voltage to this pin. Ensure that a decoupling capacitor is placed near the IC.
CS
4
Current Sense Input. This pin senses the peak current.
GATE
5
Driver OUTPUT. The output of the driver is connected to the gate of the external MOSFET.
GND
6
Signal and Power Ground for the IC. All voltages levels are measured with respect to this
pin. Tie this pin to the ground island/plane through the lowest impedance connection
available.
LD/SS
7
Linear Dimming and Soft Start. A capacitor connected to the pin sets the soft start period.
The voltage of this pin adjusts the peak current.
FAULT
8
Fault. This pin is asserted high when a fault condition is detected.



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com