Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EM8800AG Datasheet(PDF) 4 Page - Excelliance MOS Corp.

Part # EM8800AG
Description  Constant Off Time, Current-Mode Controller for LED Applications
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EXCELLIANCE [Excelliance MOS Corp.]
Direct Link  http://www.excelliancemos.com/
Logo EXCELLIANCE - Excelliance MOS Corp.

EM8800AG Datasheet(HTML) 4 Page - Excelliance MOS Corp.

  EM8800AG Datasheet HTML 1Page - Excelliance MOS Corp. EM8800AG Datasheet HTML 2Page - Excelliance MOS Corp. EM8800AG Datasheet HTML 3Page - Excelliance MOS Corp. EM8800AG Datasheet HTML 4Page - Excelliance MOS Corp. EM8800AG Datasheet HTML 5Page - Excelliance MOS Corp. EM8800AG Datasheet HTML 6Page - Excelliance MOS Corp. EM8800AG Datasheet HTML 7Page - Excelliance MOS Corp. EM8800AG Datasheet HTML 8Page - Excelliance MOS Corp.  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
2011/09/06
Rev.A.3
4
EM8800A
Absolute Maximum Ratings (Note 1)
Supply voltage, VCC--------------------------------------------------------------- -0.3V to 24V
GATE----------------------------------------------------------------------------------
-0.3V to 24V
Other pins---------------------------------------------------------------------------
0.3V to 6V
Power Dissipation, PD @ TA = 25°C, SOP-8 -------------------------------- 0.909W
Package Thermal Resistance, ΘJA, SOP-8 (Note 2)------------------------
110°C/W
Junction Temperature------------------------------------------------------------
150°C
Lead Temperature (Soldering, 10 sec.)----------------------------------------
260°C
Storage Temperature Range-----------------------------------------------------
-65°C to 150°C
ESD susceptibility (Note3)
HBM (Human Body Mode)------------------------------------------------------
2kV
MM (Machine Mode)------------------------------------------------------------
200V
Recommended Operating Conditions (Note4)
Junction Temperature
------------------------------------------------------
-40°C to 125°C
Ambient Temperature
------------------------------------------------------
-40°C to 85°C
Electrical Characteristics
VCC=12V, RTOFF=40kohm, TA=25℃, unless otherwise specified
Parameter
Symbol
Test Conditions
Pin
Min
Typ
Max
Units
VCC Section
VCC OVP Protect voltage
VOVP
21
22
23.5
V
VCC On Threshold Voltage
VTH-ON
9.0
9.75
10.5
V
VCC Off Hysteresis Voltage
VTH-HY
1.5
V
Current Consumption in Latch Mode
ICC-LATCH
0.6
1.2
mA
Current Consumption in Start-up
ICC-OP1
VCC=VTH-ON-0.2V
0.05
0.1
mA
Current Consumption in Device Disable
ICC-OP2
VCC=12V,
VPWMD=0V
0.6
1.2
mA
Current Consumption in Device Switching
ICC-OP3
CGATE=1nF
FSW=60KHz
1.5
2.35
mA
Gate Section
Rising Time
TR
CL = 1nF
80
140
ns
Falling Time
TF
CL = 1nF
30
60
ns
Output Voltage Low
VSource
20mA
1
V
Output Voltage High
VSink
20mA
11
V
Current-Sense Section
Maximum Internal Current Set-point
VCSLim
0.97
1
1.03
V
Leading Edge Blanking Time
TLEB
400
550
700
ns
Propagation Delay Time
TPD
VCS=VCSLim to Vgate=1V,
Cgate=1nF
100
150
200
ns
Internal Soft-Start Period
TSS
2
ms



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com