Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EM8800AG Datasheet(PDF) 8 Page - Excelliance MOS Corp.

Part # EM8800AG
Description  Constant Off Time, Current-Mode Controller for LED Applications
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EXCELLIANCE [Excelliance MOS Corp.]
Direct Link  http://www.excelliancemos.com/
Logo EXCELLIANCE - Excelliance MOS Corp.

EM8800AG Datasheet(HTML) 8 Page - Excelliance MOS Corp.

  EM8800AG Datasheet HTML 1Page - Excelliance MOS Corp. EM8800AG Datasheet HTML 2Page - Excelliance MOS Corp. EM8800AG Datasheet HTML 3Page - Excelliance MOS Corp. EM8800AG Datasheet HTML 4Page - Excelliance MOS Corp. EM8800AG Datasheet HTML 5Page - Excelliance MOS Corp. EM8800AG Datasheet HTML 6Page - Excelliance MOS Corp. EM8800AG Datasheet HTML 7Page - Excelliance MOS Corp. EM8800AG Datasheet HTML 8Page - Excelliance MOS Corp.  
Zoom Inzoom in Zoom Outzoom out
 8 / 8 page
background image
2011/09/06
Rev.A.3
8
EM8800A
F
G
D
E
J
H
C
B
A
I
I
K
EM
8800A
ABCDEFG
Ordering & Marking Information
Device Name: EM8800AG for SOP-8
Outline Drawing
Dimension in mm
Dimension
A
B
C
D
E
F
G
H
I
J
K
Min.
4.70
3.70
5.80
0.33
1.20
0.08
0.40
0.19
0.25
0
∘
Typ.
1.27
Max.
5.10
4.10
6.20
0.51
1.62
0.28
0.83
0.26
0.50
8
∘
EM8800A: Device Name
ABCDEFG: Date Code



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com