Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EM8800AG Datasheet(PDF) 7 Page - Excelliance MOS Corp.

Part # EM8800AG
Description  Constant Off Time, Current-Mode Controller for LED Applications
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EXCELLIANCE [Excelliance MOS Corp.]
Direct Link  http://www.excelliancemos.com/
Logo EXCELLIANCE - Excelliance MOS Corp.

EM8800AG Datasheet(HTML) 7 Page - Excelliance MOS Corp.

  EM8800AG Datasheet HTML 1Page - Excelliance MOS Corp. EM8800AG Datasheet HTML 2Page - Excelliance MOS Corp. EM8800AG Datasheet HTML 3Page - Excelliance MOS Corp. EM8800AG Datasheet HTML 4Page - Excelliance MOS Corp. EM8800AG Datasheet HTML 5Page - Excelliance MOS Corp. EM8800AG Datasheet HTML 6Page - Excelliance MOS Corp. EM8800AG Datasheet HTML 7Page - Excelliance MOS Corp. EM8800AG Datasheet HTML 8Page - Excelliance MOS Corp.  
Zoom Inzoom in Zoom Outzoom out
 7 / 8 page
background image
2011/09/06
Rev.A.3
7
EM8800A
Functional Description
EM8800A is a constant off time current mode
controller. The PWMD pin enables the user to use
a PWM signal to modulate the switching pattern
and adjust the average luminosity. The LD/SS pin
enables the user to set peak current by adjust the
voltage of this pin. A capacitor connected to the
LD/SS pin sets the soft start period.
Supply Voltage
The VCC pin provides the bias supply of EM8800A
control circuit, as well as MOSFET’s gate. A
minimum 0.1uF ceramic capacitor is recommended
to bypass the supply voltage.
Power ON Reset
To let EM8800A start to operation, VCC voltage
must be higher than its POR voltage. Typical POR
voltage is 9.75V.
Start Up Delay
When VCC reaches POR threshold, start-up-delay
timer begins to count. When start-up-delay is
finished, the current source of LD/SS pin is enabled
and the soft-start sequence begins.
Soft Start
A capacitor connected to the LD/SS pin sets the
soft start period.
Dimming
The device is able to perform both linear and PWM
dimming. Two separate inputs are provided (LD/SS
pin for linear dimming, PWMD pin for PWM
dimming).
The
two
functions
can
be
used
simultaneously and independently to one another.
Linear dimming can be performed by applying a dc
voltage between 0.3V and 3V. This voltage is
internally processed, generating the reference level
VCS_LD. The relationship between VLD and VCS_LD
is:
VCS_LD=VLD/3, when VLD>0.3V
VCS_LD=0.1V, when VLD<=0.3V
PWM dimming can be achieved by driving the
PWMD pin with a low frequency square wave
signal. When the PWMD signal is lower than 0.8V,
switching is inhibited. When the PWMD signal is
higher than 2V, the switching is enabled.
Constant Off-Time Generator
The off-time generator begins at the end of each
on time. Once the off time generator has elapsed,
it begins the next GATE pulse. The off-time is
programmed by connecting a resistor from the
TOFF pin to ground.
Protections and Fault Flag
In case the LED string fails short, the inductor
current will rise cycle by cycle without control. To
prevent the current from exceeding levels that
might lead to catastrophic failure of the power
MOSFET, EM8800A detects if VCS exceeds 1.5V. If
this occurs for eight consecutive switching cycles, a
latched shutdown function is tripped: the device is
stopped in an idle state and it is necessary to
recycle its supply voltage to make it restart.
In case the LED string fails open, the current will
drop to zero and the inductor current will never
reach the programmed level. To detect this
situation, an internal timer checks the ON time of
the power MOSFET and, if it exceeds 30us for eight
consecutive switching cycles, a latched shutdown
function is tripped: the device is stopped in an idle
state and it is necessary to recycle its supply
voltage to make it restart.
In either case, the activation of the protection
functions is signaled by FAULT pin asserted high,
becoming a 5V voltage source able to provide up to
5mA source current.



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com