Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EM8800AG Datasheet(PDF) 5 Page - Excelliance MOS Corp.

Part # EM8800AG
Description  Constant Off Time, Current-Mode Controller for LED Applications
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EXCELLIANCE [Excelliance MOS Corp.]
Direct Link  http://www.excelliancemos.com/
Logo EXCELLIANCE - Excelliance MOS Corp.

EM8800AG Datasheet(HTML) 5 Page - Excelliance MOS Corp.

  EM8800AG Datasheet HTML 1Page - Excelliance MOS Corp. EM8800AG Datasheet HTML 2Page - Excelliance MOS Corp. EM8800AG Datasheet HTML 3Page - Excelliance MOS Corp. EM8800AG Datasheet HTML 4Page - Excelliance MOS Corp. EM8800AG Datasheet HTML 5Page - Excelliance MOS Corp. EM8800AG Datasheet HTML 6Page - Excelliance MOS Corp. EM8800AG Datasheet HTML 7Page - Excelliance MOS Corp. EM8800AG Datasheet HTML 8Page - Excelliance MOS Corp.  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
2011/09/06
Rev.A.3
5
EM8800A
TOFF section
Off Time
TOFF
R_TOFF=30K ohm
6
us
R_TOFF=10K ohm
1.8
2
2.2
us
Minimum Off Time
TOFF-min
R_TOFF=1K ohm
0.435
us
Maximum Off Time
TOFF-max
R_TOFF=60K ohm
12
us
TOFF Short Protection Trigger Level
VTOFF-SHORT
0.3
0.4
0.5
V
Off Time Variation vs. VCC
VCC=9.5V to 16V
2
%
Off Time Variation vs. Temperature
-20°C to 105°C
5
%
PWMD Section
PWMD ON Voltage Threshold
VPWMD-ON VPWMD increasing
2.2
V
PWMD OFF Voltage Threshold
VPWMD-OFF VPWMD decreasing
0.8
V
PWMD Pin Open Voltage
VPWMD-OPE
N
5
V
PWMD Pin Internal Pull High Current
IPWMD
2
4
6
uA
Dimming Wake-up Time
TWAKE
VPWMD= VPWMD-ON to
VGATE=10V
1
us
LD/SS Section
LD/SS Pin Open Voltage
VLD-OPEN
5
V
LD/SS Pin Internal Pull High Current
ILD
18
20
22
uA
LD/SS Pin Voltage to Peak Current Ratio
2.85
3
3.15
V/V
FAULT Section
FAULT Internal Pull Low Current
IFA
6
10
uA
FAULT Pull high Voltage
VFA_HIGH
5
V
FAULT Pull high Capability
IFA_HIGH
1
2
mA
Protection Section
Maximum On Time
TON-MAX
50
us
Over Current Trigger Level
VOCP1
1.45
1.5
1.6
V
Suspend mode Vcs over voltage protection
VOCP2
1.45
1.5
1.6
V
OCP Leading Edge Blanking Time
TLEB-OCP
550
ns
Start-up Delay
TSTART-DELAY
80
130
160
ms
Thermal Shutdown
TSD
135
155
°C
Thermal Shutdown Hysteresis
TSD-HYS
40
°C
Note 1.
Stresses listed as the above “Absolute Maximum Ratings” may cause permanent damage to the device. These are for
stress ratings. Functional operation of the device at these or any other conditions beyond those indicated in the
operational sections of the specifications is not implied. Exposure to absolute maximum rating conditions for extended
periods may remain possibility to affect device reliability.
Note 2.
θ
JA SOP-8 packages is 52
°C /W on JEDEC 51-7 (4 layers,2S2P) thermal test board with 50mm
2
copper area.
Note 3.
Devices are ESD sensitive. Handling precaution is recommended.
Note 4.
The device is not guaranteed to function outside its operating conditions.



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com