Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BMA150 Datasheet(PDF) 13 Page - Bosch Sensortec GmbH

Part # BMA150
Description  Digital, triaxial acceleration sensor
PDF  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BOSCH [Bosch Sensortec GmbH]
Direct Link  https://www.bosch-sensortec.com
Logo BOSCH - Bosch Sensortec GmbH

BMA150 Datasheet(HTML) 13 Page - Bosch Sensortec GmbH

Back Button BMA150 Datasheet HTML 9Page - Bosch Sensortec GmbH BMA150 Datasheet HTML 10Page - Bosch Sensortec GmbH BMA150 Datasheet HTML 11Page - Bosch Sensortec GmbH BMA150 Datasheet HTML 12Page - Bosch Sensortec GmbH BMA150 Datasheet HTML 13Page - Bosch Sensortec GmbH BMA150 Datasheet HTML 14Page - Bosch Sensortec GmbH BMA150 Datasheet HTML 15Page - Bosch Sensortec GmbH BMA150 Datasheet HTML 16Page - Bosch Sensortec GmbH BMA150 Datasheet HTML 17Page - Bosch Sensortec GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 56 page
background image
Data sheet
BMA150
Triaxial, digital acceleration sensor
Bosch Sensortec
Rev. 1.6
Page 13
30 October 2008
© Bosch Sensortec GmbH reserves all rights even in the event of industrial property rights. We reserve all rights of disposal such
as copying and passing on to third parties. BOSCH and the symbol are registered trademarks of Robert Bosch GmbH, Germany.
Note: Specifications within this document are subject to change without notice.
If a not-latched interrupt is generated, the device waits in the normal mode till the interrupt
condition disappears. The minimum duration of interrupt activation is 330µs. If no interrupt is
generated, the sensor IC goes to sleep mode for a defined time (wake_up_pause).
For more details on the wake-up functionality, please refer to chapter 7.3
3.1.5 Wake_up_pause
These bits (address 15h, bit 2 and 1) define the sleep phase duration between each automatic
wake-up.
Table 5: Settings of wake_up_pause
wake_up_pause<1:0>
Sleep phase duration
00
20 ms
01
80 ms
10
320 ms
11
2560 ms
Note: The accuracy of the wake-up timer is about ±30%.
3.1.6 Shadow_dis
BMA150 provides the possibility to block the update of data MSB while LSB are read out. This
avoids a potential mixing of LSB and MSB of successive conversion cycles. When this bit
(address 15h, bit 3) is at 1, the blocking procedure for MSB is not realized and MSB only
reading is possible.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com