Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BMA150 Datasheet(PDF) 29 Page - Bosch Sensortec GmbH

Part # BMA150
Description  Digital, triaxial acceleration sensor
PDF  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BOSCH [Bosch Sensortec GmbH]
Direct Link  https://www.bosch-sensortec.com
Logo BOSCH - Bosch Sensortec GmbH

BMA150 Datasheet(HTML) 29 Page - Bosch Sensortec GmbH

Back Button BMA150 Datasheet HTML 25Page - Bosch Sensortec GmbH BMA150 Datasheet HTML 26Page - Bosch Sensortec GmbH BMA150 Datasheet HTML 27Page - Bosch Sensortec GmbH BMA150 Datasheet HTML 28Page - Bosch Sensortec GmbH BMA150 Datasheet HTML 29Page - Bosch Sensortec GmbH BMA150 Datasheet HTML 30Page - Bosch Sensortec GmbH BMA150 Datasheet HTML 31Page - Bosch Sensortec GmbH BMA150 Datasheet HTML 32Page - Bosch Sensortec GmbH BMA150 Datasheet HTML 33Page - Bosch Sensortec GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 56 page
background image
Data sheet
BMA150
Triaxial, digital acceleration sensor
Bosch Sensortec
Rev. 1.6
Page 29
30 October 2008
© Bosch Sensortec GmbH reserves all rights even in the event of industrial property rights. We reserve all rights of disposal such
as copying and passing on to third parties. BOSCH and the symbol are registered trademarks of Robert Bosch GmbH, Germany.
Note: Specifications within this document are subject to change without notice.
4.1.2 Three-wire SPI interface
3-wire SPI is not the default serial interface. The customer can easily activate the 3-wire SPI by
setting a control bit (SPI4=0). The 3-wire SPI interface uses SCK (serial clock), CSB (chip
select, active low) and SDA (serial data in/out). A maximum clock frequency up to 70MHz can
be handled.
The protocol data acquisition by the sensor IC occurs at the rising edge of SCK. The output data
provided by the sensor IC is synchronized also on the rising edges of SCK. The 3-wire read
protocol needs one extra clock cycle between address byte and data output byte.
Figure 8: Timing diagram for three-wire SPI interface (SDI = SDA)
CSB
SCK
T_setup_csb_3
T_hold_csb_3
SDI
7
6
5
4
3
2
1
0
Xtra
7
6
5
4
3
2
1
0
r
A6
A5
A4
A3
A2
A1
A0
T_delay_sdi_3
T_setup_sdi_3
T_hold_sdi_3
D6
D5
D4
D3
D2
D1
D0
D7
T_low_sck_3
T_high_sck_3
T_delay_sdi_3



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com