Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BMA150 Datasheet(PDF) 49 Page - Bosch Sensortec GmbH

Part # BMA150
Description  Digital, triaxial acceleration sensor
PDF  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BOSCH [Bosch Sensortec GmbH]
Direct Link  https://www.bosch-sensortec.com
Logo BOSCH - Bosch Sensortec GmbH

BMA150 Datasheet(HTML) 49 Page - Bosch Sensortec GmbH

Back Button BMA150 Datasheet HTML 45Page - Bosch Sensortec GmbH BMA150 Datasheet HTML 46Page - Bosch Sensortec GmbH BMA150 Datasheet HTML 47Page - Bosch Sensortec GmbH BMA150 Datasheet HTML 48Page - Bosch Sensortec GmbH BMA150 Datasheet HTML 49Page - Bosch Sensortec GmbH BMA150 Datasheet HTML 50Page - Bosch Sensortec GmbH BMA150 Datasheet HTML 51Page - Bosch Sensortec GmbH BMA150 Datasheet HTML 52Page - Bosch Sensortec GmbH BMA150 Datasheet HTML 53Page - Bosch Sensortec GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 49 / 56 page
background image
Data sheet
BMA150
Triaxial, digital acceleration sensor
Bosch Sensortec
Rev. 1.6
Page 49
30 October 2008
© Bosch Sensortec GmbH reserves all rights even in the event of industrial property rights. We reserve all rights of disposal such
as copying and passing on to third parties. BOSCH and the symbol are registered trademarks of Robert Bosch GmbH, Germany.
Note: Specifications within this document are subject to change without notice.
As some of these parameters have certain deviations from the typical value results of various
example Monte Carlo Simulations on the current consumption are shown in figures 26, 27 and
28.
The graphs provide an indication on the expected current consumption for different settings.
Figure 26: Estimation of current consumption using Monte Carlo simulation,
example #1: Bandwidth 750Hz, 2560ms wake-up setting, any-motion interrupt
1.1
1.2
1.3
1.4
1.5
1.6
1.7
1.8
0
100
200
300
400
500
600
700
800
CurrentSelfWakeUp
i_self_w ake_up [µA]
MW 1.41 µA
3s
0.174 µA
yield 100 %
1.1
1.2
1.3
1.4
1.5
1.6
1.7
1.8
0
100
200
300
400
500
600
700
800
CurrentSelfWakeUp
i_self_w ake_up [µA]
MW 1.41 µA
3s
0.174 µA
yield 100 %



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com