Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BMA150 Datasheet(PDF) 24 Page - Bosch Sensortec GmbH

Part # BMA150
Description  Digital, triaxial acceleration sensor
PDF  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BOSCH [Bosch Sensortec GmbH]
Direct Link  https://www.bosch-sensortec.com
Logo BOSCH - Bosch Sensortec GmbH

BMA150 Datasheet(HTML) 24 Page - Bosch Sensortec GmbH

Back Button BMA150 Datasheet HTML 20Page - Bosch Sensortec GmbH BMA150 Datasheet HTML 21Page - Bosch Sensortec GmbH BMA150 Datasheet HTML 22Page - Bosch Sensortec GmbH BMA150 Datasheet HTML 23Page - Bosch Sensortec GmbH BMA150 Datasheet HTML 24Page - Bosch Sensortec GmbH BMA150 Datasheet HTML 25Page - Bosch Sensortec GmbH BMA150 Datasheet HTML 26Page - Bosch Sensortec GmbH BMA150 Datasheet HTML 27Page - Bosch Sensortec GmbH BMA150 Datasheet HTML 28Page - Bosch Sensortec GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 56 page
background image
Data sheet
BMA150
Triaxial, digital acceleration sensor
Bosch Sensortec
Rev. 1.6
Page 24
30 October 2008
© Bosch Sensortec GmbH reserves all rights even in the event of industrial property rights. We reserve all rights of disposal such
as copying and passing on to third parties. BOSCH and the symbol are registered trademarks of Robert Bosch GmbH, Germany.
Note: Specifications within this document are subject to change without notice.
Synchronization of read-out sequence has several advantages:
− it enables a constant phase shift between acceleration conversion and its corresponding
digital value read by microprocessor
− it reduces interface communication by avoiding over-sampling.
− potential noise due to serial interface activity perturbation would always be generated
during a less critical phase of the conversion cycle. The maximum delay advised to start
read out acceleration data is 20µs after INT high (window 0 - 80µs).
3.5.3 New_data_x, new_data_y, new_data_z
These bits (New_data_x (02h, 0), new_data_y (04h, 0), new_data_z (06h, 0)) are flags which
are turned at 1 when acceleration registers have been updated. Reading acceleration data MSB
or LSB registers turns the flags at 0. The flag value can be read by microprocessor.
3.5.4 Al_version, ml_version, chip_id
al_version (address 01h, bit 7-4) and ml_version (address 01h, bit 3-0) are used to identify the
chip revision. These codes are programmed with metal layer.
chip_id (address 00h, bit 2-0) is used by customer to be able to recognize BMA150. This code is
fixed to 010b.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com