Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BMA150 Datasheet(PDF) 39 Page - Bosch Sensortec GmbH

Part # BMA150
Description  Digital, triaxial acceleration sensor
PDF  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BOSCH [Bosch Sensortec GmbH]
Direct Link  https://www.bosch-sensortec.com
Logo BOSCH - Bosch Sensortec GmbH

BMA150 Datasheet(HTML) 39 Page - Bosch Sensortec GmbH

Back Button BMA150 Datasheet HTML 35Page - Bosch Sensortec GmbH BMA150 Datasheet HTML 36Page - Bosch Sensortec GmbH BMA150 Datasheet HTML 37Page - Bosch Sensortec GmbH BMA150 Datasheet HTML 38Page - Bosch Sensortec GmbH BMA150 Datasheet HTML 39Page - Bosch Sensortec GmbH BMA150 Datasheet HTML 40Page - Bosch Sensortec GmbH BMA150 Datasheet HTML 41Page - Bosch Sensortec GmbH BMA150 Datasheet HTML 42Page - Bosch Sensortec GmbH BMA150 Datasheet HTML 43Page - Bosch Sensortec GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 56 page
background image
Data sheet
BMA150
Triaxial, digital acceleration sensor
Bosch Sensortec
Rev. 1.6
Page 39
30 October 2008
© Bosch Sensortec GmbH reserves all rights even in the event of industrial property rights. We reserve all rights of disposal such
as copying and passing on to third parties. BOSCH and the symbol are registered trademarks of Robert Bosch GmbH, Germany.
Note: Specifications within this document are subject to change without notice.
Notes related to figure 17:
1) The vertical bar on the left-hand side of the marking on top of the package is just
optional.
2) For the halogen-free version of BMA150 (order code 0 273 141 043) the number on
top of the package marking is “043” instead of “028”.
5.2 Axes orientation
The following diagram describes the orientation of the package with respect to the axes of
acceleration measurement.
Figure 18: Axes orientation of the BMA150
1
5
+x
+y
+z
1
5
+x
+y
+z



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com