Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TP83 Datasheet(PDF) 6 Page - Billiton Ltd.

Part # TP83
Description  Booster series
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ASIC [Billiton Ltd.]
Direct Link  http://www.tp-asic.com/
Logo ASIC - Billiton Ltd.

TP83 Datasheet(HTML) 6 Page - Billiton Ltd.

Back Button TP83 Datasheet HTML 2Page - Billiton Ltd. TP83 Datasheet HTML 3Page - Billiton Ltd. TP83 Datasheet HTML 4Page - Billiton Ltd. TP83 Datasheet HTML 5Page - Billiton Ltd. TP83 Datasheet HTML 6Page - Billiton Ltd. TP83 Datasheet HTML 7Page - Billiton Ltd. TP83 Datasheet HTML 8Page - Billiton Ltd. TP83 Datasheet HTML 9Page - Billiton Ltd. TP83 Datasheet HTML 10Page - Billiton Ltd.  
Zoom Inzoom in Zoom Outzoom out
 6 / 10 page
background image
南京拓微集成电路有限公司
6
九、
TP83 系列升压芯片应用实例
典型应用电路:
L=47uH(内阻 0.1ohm)、Cout=100uF 电解电容并接 0.1uF 陶瓷电容、Diode 为肖特基二极管
TP8330 典型应用电路(TP8350、TP8356 电路见附件):
(测试输入电流时,输入电容 Cin=47uF 必须接入)
图一:TP8330 典型应用电路
TP8356X 典型应用电路(外置 NMOS 管为低阈值开启电压,例 GE2300):
图二:TP8356X 典型应用电路



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com