Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

W83310G-R2 Datasheet(PDF) 4 Page - Nuvoton Technology Corporation

Part # W83310G-R2
Description  Bus Termination Regulator
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NUVOTON [Nuvoton Technology Corporation]
Direct Link  http://www.nuvoton.com
Logo NUVOTON - Nuvoton Technology Corporation

W83310G-R2 Datasheet(HTML) 4 Page - Nuvoton Technology Corporation

  W83310G-R2 Datasheet HTML 1Page - Nuvoton Technology Corporation W83310G-R2 Datasheet HTML 2Page - Nuvoton Technology Corporation W83310G-R2 Datasheet HTML 3Page - Nuvoton Technology Corporation W83310G-R2 Datasheet HTML 4Page - Nuvoton Technology Corporation W83310G-R2 Datasheet HTML 5Page - Nuvoton Technology Corporation W83310G-R2 Datasheet HTML 6Page - Nuvoton Technology Corporation W83310G-R2 Datasheet HTML 7Page - Nuvoton Technology Corporation W83310G-R2 Datasheet HTML 8Page - Nuvoton Technology Corporation W83310G-R2 Datasheet HTML 9Page - Nuvoton Technology Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 15 page
background image
W83310G-R2
Publication Date: Nov., 2008
-1-
Revision 1.10
1.
GENERAL DESCRIPTION
The W83310G-R2 is a linear regulator provides power with the capability of continuous
1.8Amp bi-directional sinking and driving capability for a high speed bus terminator
application. The chip simply implements a stable power supply which tracks dynamically
half of the input power for the bus terminator. The W83310G-R2 is promoted with small
footprint 8-SOP 150mil package. The design of the W83310G-R2 provides a high
integration, high performance, and cost-effective solution.
2.
FEATURES
Support DDRI (1.25VTT), DDRII (0.9VTT) and DDRIII (0.75VTT) Requirements
Sink and Source 1.8A Continuous Current
Integrated Power MOSFET
Adjustable VOUT by External Resistors
Low External Component Count
Low Output Voltage Offset
Short Circuit Protection
0℃ to 70℃ Ambient Operating Temperature Range
SOP-8 Package, Lead (Pb) Free
3.
APPLICATIONS
Desktop PCs, Notebooks, and Workstations
Graphics Card Memory Termination
DDRI, DDRII and DDRIII Memory Systems



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com