Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

W83310G-R2 Datasheet(PDF) 7 Page - Nuvoton Technology Corporation

Part # W83310G-R2
Description  Bus Termination Regulator
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NUVOTON [Nuvoton Technology Corporation]
Direct Link  http://www.nuvoton.com
Logo NUVOTON - Nuvoton Technology Corporation

W83310G-R2 Datasheet(HTML) 7 Page - Nuvoton Technology Corporation

Back Button W83310G-R2 Datasheet HTML 3Page - Nuvoton Technology Corporation W83310G-R2 Datasheet HTML 4Page - Nuvoton Technology Corporation W83310G-R2 Datasheet HTML 5Page - Nuvoton Technology Corporation W83310G-R2 Datasheet HTML 6Page - Nuvoton Technology Corporation W83310G-R2 Datasheet HTML 7Page - Nuvoton Technology Corporation W83310G-R2 Datasheet HTML 8Page - Nuvoton Technology Corporation W83310G-R2 Datasheet HTML 9Page - Nuvoton Technology Corporation W83310G-R2 Datasheet HTML 10Page - Nuvoton Technology Corporation W83310G-R2 Datasheet HTML 11Page - Nuvoton Technology Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 15 page
background image
W83310G-R2
Publication Date: Nov., 2008
-4-
Revision 1.10
7.
ABSOLUTE MAXIMUM RATINGS
ITEM
SYMBOL
RATING
UNIT
Input Voltage
VIN
-0.3 to 5
V
Control Logic Input Voltage
VCNTL
-0.3 to 5
V
Human Body Mode
±2
kV
Machine Mode
±200
V
Electrostatic discharge protection
Latch-Up
±100
mA
Package Thermal Resistance
θJA
160
℃/W
Storage Temperature Range
-65 to 150
℃
Note: Stress listed as the above “Absolute Maximum Ratings” may cause permanent damage
to the device. Functional operation of the device at these or any other conditions beyond those
indicated in the operational sections of the specifications is not implied. Exposure to absolute
maximum ration conditions for extended periods may remain possibility to affect device
reliability.
8.
RECOMMENDED OPERATING CONDITIONS
ITEM
SYMBOL
MIN
MAX
UNIT
VIN
1.5
3.6
Input Voltage
VCNTL
3
3.6
V
Operating Temperature Range
0
70
℃
Junction Temperature Range
0
125
℃



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com