Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

W83310G-R2 Datasheet(PDF) 5 Page - Nuvoton Technology Corporation

Part # W83310G-R2
Description  Bus Termination Regulator
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NUVOTON [Nuvoton Technology Corporation]
Direct Link  http://www.nuvoton.com
Logo NUVOTON - Nuvoton Technology Corporation

W83310G-R2 Datasheet(HTML) 5 Page - Nuvoton Technology Corporation

  W83310G-R2 Datasheet HTML 1Page - Nuvoton Technology Corporation W83310G-R2 Datasheet HTML 2Page - Nuvoton Technology Corporation W83310G-R2 Datasheet HTML 3Page - Nuvoton Technology Corporation W83310G-R2 Datasheet HTML 4Page - Nuvoton Technology Corporation W83310G-R2 Datasheet HTML 5Page - Nuvoton Technology Corporation W83310G-R2 Datasheet HTML 6Page - Nuvoton Technology Corporation W83310G-R2 Datasheet HTML 7Page - Nuvoton Technology Corporation W83310G-R2 Datasheet HTML 8Page - Nuvoton Technology Corporation W83310G-R2 Datasheet HTML 9Page - Nuvoton Technology Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 15 page
background image
W83310G-R2
Publication Date: Nov., 2008
-2-
Revision 1.10
4.
PIN CONFIGURATION AND DESCRIPTION
1
2
3
8
7
6
5
4
VIN
VCNTL
VCNTL
GND
VCNTL
VREF
VCNTL
VOUT
W83310G-R2
(Top View)
SYMBOL
PIN
I/O
FUNCTION
VIN
1
I
Main power input pin which supplies current to the output pin.
VREF
3
I
Internal reference voltage source.
Reference voltage on the pin will be referred with the pin value.
VOUT
4
O
Voltage output pin which is regulated to the VREF voltage.
VCNTL
5, 6, 7, 8
I
Power for internal control logic circuitry.
GND
2
Ground.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com