Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

W83310G-R2 Datasheet(PDF) 11 Page - Nuvoton Technology Corporation

Part # W83310G-R2
Description  Bus Termination Regulator
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NUVOTON [Nuvoton Technology Corporation]
Direct Link  http://www.nuvoton.com
Logo NUVOTON - Nuvoton Technology Corporation

W83310G-R2 Datasheet(HTML) 11 Page - Nuvoton Technology Corporation

Back Button W83310G-R2 Datasheet HTML 7Page - Nuvoton Technology Corporation W83310G-R2 Datasheet HTML 8Page - Nuvoton Technology Corporation W83310G-R2 Datasheet HTML 9Page - Nuvoton Technology Corporation W83310G-R2 Datasheet HTML 10Page - Nuvoton Technology Corporation W83310G-R2 Datasheet HTML 11Page - Nuvoton Technology Corporation W83310G-R2 Datasheet HTML 12Page - Nuvoton Technology Corporation W83310G-R2 Datasheet HTML 13Page - Nuvoton Technology Corporation W83310G-R2 Datasheet HTML 14Page - Nuvoton Technology Corporation W83310G-R2 Datasheet HTML 15Page - Nuvoton Technology Corporation  
Zoom Inzoom in Zoom Outzoom out
 11 / 15 page
background image
W83310G-R2
Publication Date: Nov., 2008
-8-
Revision 1.10
Maximum Sinking Current with VCNTL = 3.0V ~ 3.6V
Maximum Sinking Current vs VCNTL
1.8
1.9
2
2.1
2.2
2.3
2.4
2.5
2.6
2.7
2.8
3.0
3.1
3.2
3.3
3.4
3.5
3.6
VCNTL (V)
DDR1: VOUT=1.25V
DDR2: VOUT=0.9V
DDR3 VOUT=0.75V
Note:
DDR1: VIN = 2.5V, VOUT = 1.25V with 10ms current pulse.
DDR2: VIN = 1.8V, VOUT = 0.9V with 10ms current pulse.
DDR3: VIN = 1.5V, VOUT = 0.75V with 10ms current pulse.
Output Short Circuit Protection, VCNTL=3.3V, VOUT shorted to ground
VIN=2.5V
VOUT=1.25V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com