Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

W83310G-R2 Datasheet(PDF) 8 Page - Nuvoton Technology Corporation

Part # W83310G-R2
Description  Bus Termination Regulator
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NUVOTON [Nuvoton Technology Corporation]
Direct Link  http://www.nuvoton.com
Logo NUVOTON - Nuvoton Technology Corporation

W83310G-R2 Datasheet(HTML) 8 Page - Nuvoton Technology Corporation

Back Button W83310G-R2 Datasheet HTML 4Page - Nuvoton Technology Corporation W83310G-R2 Datasheet HTML 5Page - Nuvoton Technology Corporation W83310G-R2 Datasheet HTML 6Page - Nuvoton Technology Corporation W83310G-R2 Datasheet HTML 7Page - Nuvoton Technology Corporation W83310G-R2 Datasheet HTML 8Page - Nuvoton Technology Corporation W83310G-R2 Datasheet HTML 9Page - Nuvoton Technology Corporation W83310G-R2 Datasheet HTML 10Page - Nuvoton Technology Corporation W83310G-R2 Datasheet HTML 11Page - Nuvoton Technology Corporation W83310G-R2 Datasheet HTML 12Page - Nuvoton Technology Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 15 page
background image
W83310G-R2
Publication Date: Nov., 2008
-5-
Revision 1.10
9.
ELECTRICAL CHARACTERISTICS
TA = 25
℃, VCNTL= 3.3 V, VIN=2.5V/1.8V/1.5V, VREF=1.25V/0.9V/0.75V, COUT=1000uF, all
voltage outputs unloaded (unless otherwise noted)
PARAMETER
TEST CONDITION
MIN
TYP
MAX
UNITS
Input
VCNTL Operating Current
ICNTL
IOUT=0A
--
0.5
1
mA
IVIN
(SHDN)
1
10
uA
Shutdown Current
(note 1)
IVCNTL
(SHDN)
VREF<0.2V, IOUT=0.1A
230
300
uA
Output (DDRI / DDRII / DDRIII)
Output Offset Voltage
(note 2)
VOS
IOUT=0A
-5
0
5
mV
IOUT=0 → +1.8A
-40
--
40
Load Regulation
(note 3)
∆VL
IOUT=-0 → -1.8A
-40
--
40
mV
Protection
Short Current Limit
ILIM
VOUT short to ground
--
4
--
A
VREF Shutdown Mode
VIH
Enable
0.4
--
--
Shutdown Threshold
VIL
Disable
--
--
0.2
V
Note 1: Shutdown current is the input current of VIN & VCNTL drawn by a regulator when the output
voltage is disabled by a shutdown signal on VREF pin (
VIL < 0.2). It is measured with VIN =
1.5V/1.8V/2.5V & VCNTL = 3.3V.
Note 2:
VOS offset is the voltage measurement as VOUT subtracted from VREF.
Note 3: Regulation is measured at constant junction temperature by using a 5ms current pulse.
Devices are tested for load regulation in the load range from 0A to 1.8A peak.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com